Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1452 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1452
Description  Low-Cost Precision Sensor Signal Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1452 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1452 Datasheet HTML 1Page - Maxim Integrated Products MAX1452 Datasheet HTML 2Page - Maxim Integrated Products MAX1452 Datasheet HTML 3Page - Maxim Integrated Products MAX1452 Datasheet HTML 4Page - Maxim Integrated Products MAX1452 Datasheet HTML 5Page - Maxim Integrated Products MAX1452 Datasheet HTML 6Page - Maxim Integrated Products MAX1452 Datasheet HTML 7Page - Maxim Integrated Products MAX1452 Datasheet HTML 8Page - Maxim Integrated Products MAX1452 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Low-Cost Precision Sensor
Signal Conditioner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = VDDF = +5V, VSS = 0V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to VSS.........................................-0.3V, +6V
Supply Voltage, VDD to VDDF ................................-0.5V to +0.5V
All Other Pins ...................................(VSS - 0.3V) to (VDD + 0.3V)
Short-Circuit Duration, FSOTC, OUT, BDR,
AMPOUT ................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP/TSSOP (derate 8.00mW/°C above +70°C) ..640mW
24-Pin TQFN (derate 20.8mW/°C above +70°C) ...........1.67W
Operating Temperature:
MAX1452CAE+/MAX1452C/D ............................0°C to +70°C
MAX1452EAE+ ................................................-40°C to +85°C
MAX1452AAE+ ..............................................-40°C to +125°C
MAX1452ATG+..............................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL CHARACTERISTICS
Supply Voltage
VDD
4.5
5.0
5.5
V
EEPROM Supply Voltage
VDDF
4.5
5.0
5.5
V
Supply Current
IDD
(Note 1)
2.0
2.5
mA
Maximum EEPROM Erase/Write
Current
IDDFW
30
mA
Maximum EEPROM Read
Current
IDDFR
12
mA
Oscillator Frequency
fOSC
0.85
1
1.15
MHz
ANALOG INPUT
Input Impedance
RIN
1M
Ω
Input Referred Offset Tempco
(Notes 2, 3)
±1
µV/
°C
Input Referred Adjustable
Offset Range
Offset TC = 0 at minimum gain (Note 4)
±150
mV
Amplifier Gain Nonlinearity
Percent of +4V span, VOUT = +0.5V to 4.5V
0.01
%
Common-Mode Rejection Ratio
CMRR
Specified for common-mode voltages
between VSS and VDD (Note 2)
90
dB
Input Referred Adjustable
FSO Range
(Note 5)
4 to 60
mV/V
ANALOG OUTPUT
Differential Signal-Gain Range
Selectable in 16 steps
39 to 234
V/V
Configuration [5:2] 0000bin
34
39
46
Configuration [5:2] 0001bin
47
52
59
Configuration [5:2] 0010bin
58
65
74
Configuration [5:2] 0100bin
82
91
102
Differential Signal Gain
Configuration [5:2] 1000bin
133
143
157
V/V
Maximum Output-Voltage Swing
No load from each supply
0.02
V


Similar Part No. - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1452 MAXIM-MAX1452 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX14521E MAXIM-MAX14521E Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
1Mb / 21P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
More results

Similar Description - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com