Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1479ATE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1479ATE+
Description  300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479ATE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1479ATE+ Datasheet HTML 1Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX1479ATE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
300MHz to 450MHz Low-Power,
Crystal-Based +10dBm ASK/FSK Transmitter
_______________________________________________________________________________________
3
Note 1: Supply current, output power, and efficiency are greatly dependent on board layout and PAOUT match.
Note 2: 100% tested at TA = +125°C. Guaranteed by design and characterization over temperature.
Note 3: 50% duty cycle at 10kHz ASK data (Manchester coded).
Note 4: Guaranteed by design and characterization, not production tested.
Note 5: VENABLE = VIL to VENABLE = VIH. fOFFSET is defined as the frequency deviation from the desired carrier frequency.
Note 6: Dependent on crystal and PCB trace capacitance.
Note 7: VENABLE > VIH, VDATA > VIH, Efficiency = POUT/(VDD x IDD).
Note 8: Dependent on PCB trace capacitance.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Frequency Range
fRF
(Note 2)
300
450
MHz
Settle to within 50kHz
200
Turn-On Time (Note 5)
tON
Settle to within 5kHz
350
µs
ASK mode (Manchester coded)
100
Maximum Data Rate (Note 4)
FSK mode (Manchester coded)
20
kbps
fRF = 315MHz
55
Maximum FSK Frequency
Deviation
DEV[2:0] = 111
(Note 6)
fRF = 433MHz
80
kHz
TA = +25°C, VDD = +2.7V
6.8
10
12.0
TA = +125°C, VDD = +2.1V
2.7
5.3
Output Power (Note 2)
POUT
TA = -40°C, VDD = +3.6V
12.2
16.1
dBm
fRF = 315MHz
35
Transmit Efficiency with CW Tone
(Note 7)
fRF = 433MHz
34
%
fRF = 315MHz
27
Transmit Efficiency at 50% Duty
Cycle
fRF = 433MHz
25
%
PHASE-LOCKED-LOOP PERFORMANCE
VCO Gain
KVCO
280
MHz/V
fOFFSET = 100kHz
-75
fRF = 315MHz
fOFFSET = 1MHz
-98
fOFFSET = 100kHz
-74
Phase Noise
fRF = 433MHz
fOFFSET = 1MHz
-98
dBc/Hz
fRF = 315MHz
-50
Maximum Carrier Harmonics
fRF = 433MHz
-45
dBc
Reference Spur
-40
dBc
Loop Bandwidth
BW
300
kHz
Crystal Frequency Range
fXTAL
FRF / 32
MHz
Crystal Tolerance
50
ppm
Crystal Load Capacitance
CLOAD
(Note 8)
4.5
pF
Clock Output Frequency
Determined by CLK0 and CLK1; see Table 1
FXTAL/N
MHz
AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, all RF inputs and outputs are referenced to 50
Ω, VDD = +2.1V to +3.6V, VENABLE = VDD, TA = -40°C to
+125°C, unless otherwise noted. Typical values are at VDD = +2.7V, TA = +25°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX1479ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479ATE MAXIM-MAX1479ATE Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
More results

Similar Description - MAX1479ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com