Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1697_EUT-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1697_EUT-T
Description  60mA, SOT23 Inverting Charge Pump with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1697_EUT-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1697_EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX1697_EUT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
60mA, SOT23 Inverting Charge Pump
with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, capacitors from Table 2, VIN = +5V, SHDN = IN, TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +6V
C1+, SHDN to GND .....................................-0.3V to (VIN + 0.3V)
C1- to GND ..............................................(VOUT - 0.3V) to + 0.3V
OUT to GND .............................................................+0.3V to -6V
OUT Output Current............................................................90mA
OUT Short-Circuit to GND .............................................Indefinite
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 14mW/°C above +70°C) (Note 5)...1.1W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature ..........................................................(Note 6)
MAX1697T/U, RL = 5k
Ω
SHDN = GND or IN
VIN(MIN)
≤ VIN ≤ 2.5V
MAX1697R/S, RL = 5k
Ω
2.5V
≤ VIN ≤ 5.5V
VIN(MIN)
≤ VIN ≤ 2.5V
2.5V
≤ VIN ≤ 5.5V
IOUT = 0, TA = +25°C
SHDN = GND, OUT is internally pulled to GND
in shutdown
TA = +25°C
TA = +25°C
SHDN = GND
IOUT = 60mA
CONDITIONS
10
nA
-100
0.05
+100
SHDN Bias Current
0.2
V
0.6
SHDN Input Logic Low
VIN - 0.2
V
2.0
SHDN Input Logic High
Ω
38
OUT to GND Shutdown
Resistance
33
Ω
12
25
Output Resistance (Note 7)
1.4
5.5
1.5
5.5
V
1.25
5.5
Supply Voltage Range
%
99
99.9
Voltage Conversion Efficiency
20
35
50
kHz
Oscillator Frequency
0.03
1.5
5.5
µA
150
300
Quiescent Supply Current
(Note 9)
350
650
µA
0.002
1
Shutdown Supply Current
UNITS
MIN
TYP
MAX
PARAMETER
TA = 0°C to +85°C
TA = +25°C
TA = 0°C to +85°C
TA = +25°C
MAX1697S
MAX1697R
TA = +85°C
TA = +25°C
TA = 0°C to +85°C
TA = +25°C
TA = +85°C
TA = +25°C
MAX1697U
MAX1697T
950
1700
1800
3400
Output shorted to ground, TA = +25°C
mA
170
Short-Circuit Current
712
17
140
250
360
70
125
180
MAX1697R
MAX1697S
MAX1697T
MAX1697U
Note 5:
Thermal properties are specified with product mounted on the PC board with one square-inch of copper area and still air.
Note 6:
This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the
device can be exposed to during board level solder attach and rework. Maxim recommends the use of the solder profiles
recommended in the industry standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and Convection
reflow processes. Preheating, per this standard, is required. Hand or wave soldering is not recommended.


Similar Part No. - MAX1697_EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697REUT-T MAXIM-MAX1697REUT-T Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
More results

Similar Description - MAX1697_EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com