Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1587A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1587A
Description  High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1587A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1587A Datasheet HTML 4Page - Maxim Integrated Products MAX1587A Datasheet HTML 5Page - Maxim Integrated Products MAX1587A Datasheet HTML 6Page - Maxim Integrated Products MAX1587A Datasheet HTML 7Page - Maxim Integrated Products MAX1587A Datasheet HTML 8Page - Maxim Integrated Products MAX1587A Datasheet HTML 9Page - Maxim Integrated Products MAX1587A Datasheet HTML 10Page - Maxim Integrated Products MAX1587A Datasheet HTML 11Page - Maxim Integrated Products MAX1587A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
High-Efficiency, Low-IQ PMICs with
Dynamic Core for PDAs and Smart Phones
8
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
MAX
UNITS
DBI = IN (for preset)
2.993
3.307
DBI Threshold (Falling)
MAX1586,
hysteresis is 5% (typ)
With resistors at LBI
1.208
1.256
V
RSO Threshold (Falling)
Voltage on REG7, hysteresis is 5% (typ)
2.25
2.60
V
RSO Deassert Delay
62
69
ms
LBI Input Bias Current
MAX1586
-50
nA
DBI Input Bias Current
MAX1586
75
nA
LOGIC INPUTS AND OUTPUTS
LBO, DBO, POK, RSO, SDA Output
Low Level
2.6V
≤ V7 ≤ 5.5V, sinking 1mA
0.4
V
LBO, DBO, POK, RSO, SDA Output
Low Level
V7 = 1V, sinking 100µA
0.4
V
LBO, DBO, POK, RSO Output-High
Leakage Current
Pin = 5.5V
0.2
µA
ON_, SCL, SDA,
SLP, PWM3, MR,
SRAD Input High Level
2.6V
≤ VIN ≤ 5.5V
1.6
V
ON_, SCL, SDA,
SLP, PWM3, MR,
SRAD Input Low Level
2.6V
≤ VIN ≤ 5.5V
0.4
V
ON_, SCL, SDA,
SLP, PWM3, MR,
SRAD Input Leakage Current
Pin = GND, 5.5V
-1
+1
µA
SERIAL INTERFACE
Clock Frequency
400
kHz
Bus-Free Time Between START and
STOP
1.3
µs
Hold Time Repeated START
Condition
0.6
µs
CLK Low Period
1.3
µs
CLK High Period
0.6
µs
Setup Time Repeated START
Condition
0.6
µs
DATA Hold Time
0µs
DATA Setup Time
100
ns
Setup Time for STOP Condition
0.6
µs
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, VBKBT = 3.0V, VLBI = 1.1V, VDBI = 1.35V, circuit of Figure 5, TA = -40°C to +85°C, unless otherwise noted.) (Note 5)


Similar Part No. - MAX1587A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1587A MAXIM-MAX1587A Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX1587AETL MAXIM-MAX1587AETL Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1587AETL MAXIM-MAX1587AETL Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
More results

Similar Description - MAX1587A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX8588 MAXIM-MAX8588 Datasheet
572Kb / 31P
   High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Rev 0; 3/05
logo
Advanced Monolithic Sys...
AMS1318 AMS-AMS1318 Datasheet
410Kb / 6P
   Cellular and Smart Phones PDAs
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
logo
Renesas Technology Corp
ISL98611 RENESAS-ISL98611 Datasheet
223Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
logo
Intersil Corporation
ISL98611A INTERSIL-ISL98611A Datasheet
133Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
July 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com