Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1709 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1709
Description  4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1709 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1709_07 Datasheet HTML 1Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 2Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 3Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 4Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 5Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 6Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 7Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 8Page - Maxim Integrated Products MAX1709_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
4A, Low-Noise, High-Frequency,
Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VOUT = VCLK = +3.6V, ONA = ONB = FB = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ONA,
ONB, OUT, SS/LIM, 3.3/5 to GND ...............-0.3V to +6.0V
LX to PGND ...........................................................-0.3V to +6.0V
FB, CLK, REF to GND.............................. -0.3V to (VOUT + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin Narrow SO (derate 16.5mW/°C above +70°C) .....1.3W
28-Pin TSSOP Exposed Pad
(derate 23.8mW/°C above +70°C) ...................................1.9W
28-Pin TSSOP Exposed Pad Junction-to-Exposed
Pad Thermal Resistance ......................................……1.2°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3.3/5 = GND, ISW = 1A
3.26
3.34
3.42
Output Voltage
VFB < 0.1V (Note 1)
3.3/5 = OUT, ISW = 1A
4.92
5.05
5.17
V
Load Regulation
Measured between 1A < ISW < 3A (Note 2)
-0.25
-0.45
%/A
FB Regulation Voltage
ISW = 1A
1.215
1.240
1.265
V
FB Input Current
VFB = +1.5V
1
200
nA
Output Voltage Adjust Range
2.5
5.5
V
Output Undervoltage Lockout
(Note 3)
2.0
2.3
V
Frequency in Startup Mode
VOUT =1.5V
40
400
kHz
Minimum Startup Voltage
IOUT < 1mA (Note 1), TA = +25°C (Note 4)
0.9
1.1
V
Minimum Operating Voltage
(Note 5)
0.7
V
Soft-Start Pin Current
VSS/LIM = 1V
3.2
4
5.0
µA
OUT Supply Current
VFB = 1.5V (Note 6)
200
440
µA
OUT Leakage Current In
Shutdown
V ONB = 3.6V
0.1
5
µA
LX Leakage Current
VLX = V ONB = VOUT = +5.5V
0.1
40
µA
n-Channel Switch
On-Resistance
22
40
m
Ω
SS/LIM = open
7.5
9
12
n-Channel Current Limit
SS/LIM = 150k
Ω to GND
3.5
5
6.5
A
MAX1709EUI+
10
RMS Switch Current
MAX1709ESE
6
ARMS
Reference Voltage
IREF = 0
1.245
1.260
1.275
V
Reference Load Regulation
-1µA < IREF < 50µA
4
10
mV
Reference Supply Rejection
+2.5V < VOUT < +5.5V
0.2
5
mV
ONA,
ONB, 3.3/5, 1.2V < VOUT < 5.5V
0.2
×
VOUT
Input Low Level (Note 7)
CLK, 2.7V < VOUT < 5.5V
0.2
×
VOUT
V


Similar Part No. - MAX1709_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17094 MAXIM-MAX17094 Datasheet
569Kb / 13P
   Digitally Programmable Op-Amp Output Voltage
Rev 0; 2/09
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX17094ETM++ MAXIM-MAX17094ETM+ Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX17094EVKIT MAXIM-MAX17094EVKIT Datasheet
569Kb / 13P
   Digitally Programmable Op-Amp Output Voltage
Rev 0; 2/09
MAX17094EVKIT++ MAXIM-MAX17094EVKIT+ Datasheet
569Kb / 13P
   Digitally Programmable Op-Amp Output Voltage
Rev 0; 2/09
More results

Similar Description - MAX1709_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
MAX1709 MAXIM-MAX1709_V01 Datasheet
318Kb / 13P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1708 MAXIM-MAX1708_10 Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com