Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1744EUB+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1744EUB+
Description  High-Voltage, Step-Down DC-DC Controllers in 關MAX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1744EUB+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1744EUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1744EUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High-Voltage, Step-Down DC-DC
Controllers in µMAX
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VIN = VSHDN = 5.5V to 36V, 3/5 = GND, ILOAD = 0, TA = -40°C to +125°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Input Voltage Range
4.5
36
V
Supply Current into IN
VSHDN = VIN = 5.5V to 36V
140
µA
Shutdown Supply Current
SHDN = GND
15
µA
3/5 = VL
4.85
5.15
Output Voltage (MAX1744)
3/5 = GND
3.20
3.40
V
OUT Input Current (MAX1744)
3/5 = VL, VOUT = 5V
44
µA
FB Threshold Voltage (MAX1745)
Falling edge, hysteresis = 8mV
1.22
1.28
V
FB Input Current (MAX1745)
-50
50
nA
VH Output Voltage with Respect to IN
VIN = 5.5V to 36V, IVH = 100µA to 20mA
-6.0V
-4.3V
V
VL Output Voltage
VIN = 5.5V to 36V, IVL = 100µA to 2mA
4.5
5.5
V
VL Undervoltage Lockout
1.6
4.1
V
VCS = VOUT = 2.5V to 18V
85
115
CS Threshold Voltage
VCS = VOUT = VGND
80
150
mV
VCS = VOUT = 2.5V to 18V
0
25
CS Input Current
VCS = VOUT = VGND
-25
0
µA
SHDN, 3/5 Logic-High Threshold
VIN = 4.5V to 36V
2.4
V
SHDN, 3/5 Logic-Low Threshold
VIN = 4.5V to 36V
0.4
V
3/5 Input Current
SHDN = GND
±1µA
3/5 = GND
±1
SHDN Input Current
VSHDN = 36V
12
µA
EXT Resistance
20
Ω
Minimum EXT Off-Time
1.5
2.5
µs
Minimum EXT On-Time
0.7
1.5
µs
Reference Voltage
IREF = 0
1.22
1.28
V
REF Load Regulation
0
≤ IREF ≤ 100µA
10
mV
REF Line Regulation
VIN = 4.5V to 36V, IREF = 0
80
µV/V
Note 1: Specifications to -40°C are guaranteed by design, not production tested.


Similar Part No. - MAX1744EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744EUB++ MAXIM-MAX1744EUB+ Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
More results

Similar Description - MAX1744EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Linear Technology
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com