Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1709EUI+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1709EUI+
Description  4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1709EUI+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1709EUI+ Datasheet HTML 1Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 2Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 3Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 4Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 5Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 6Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 7Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 8Page - Maxim Integrated Products MAX1709EUI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
General Description
The MAX1709 sets a new standard of space savings for
high-power, step-up DC-DC conversion. It delivers up
to 20W at a fixed (3.3V or 5V) or adjustable (2.5V to
5.5V) output, using an on-chip power MOSFET from a
+0.7V to +5V supply.
Fixed-frequency PWM operation ensures that the
switching noise spectrum is constrained to the 600kHz
fundamental and its harmonics, allowing easy postfilter-
ing for noise reduction. External clock synchronization
capability allows for even tighter noise spectrum con-
trol. Quiescent power consumption is less than 1mW to
extend operating time in battery-powered systems.
Two control inputs (ONA,
ONB) allow simple push-on,
push-off control through a single momentary pushbut-
ton switch, as well as conventional on/off logic control.
The MAX1709 also features programmable soft-start
and current limit for design flexibility and optimum per-
formance with batteries.
The MAX1709 is supplied in both a high-power TSSOP
package, which allows a 10ARMS switch current and a
4A output, and a narrow SO package, which supplies a
2.4A output with a switch rated at 6ARMS. Although the
narrow SO device has a lower RMS switch rating, it has
the same peak switch current rating as the TSSOP
device, and so can supply 4A loads intermittently. If
loads of 2A or less are required, refer to the MAX1708.
________________________Applications
Routers, Servers, Workstations, Card Racks
Local 2.5V to 3.3V or 5V Conversion
Local 3.3V to 5V Conversion
3.6V or 5V RF PAs in Communications Handsets
Features
♦ On-Chip 10A Power MOSFET
♦ 5V, 4A Output from a 3.3V Input
♦ Fixed 3.3V or 5V Output Voltage or
Adjustable (2.5V to 5.5V)
♦ Input Voltage Range Down to 0.7V
♦ Low Power Consumption
1mW Quiescent Power
1µA Current in Shutdown Mode
♦ Low-Noise, Constant Frequency Operation
(600kHz)
♦ Synchronizable Switching Frequency
(350kHz to 1000kHz)
4A, Low-Noise, High-Frequency,
Step-Up DC-DC Converter
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
1
2
3
4
5
6
7
ONB
CLK
NC
LX
LX
LX
ONA
TOP VIEW
MAX1709
NC
PGND
PGND
LX
LX
21
8
PGND
LX
20
9
PGND
NC
19
10
PGND
NC
18
11
PGND
GND
17
12
NC
SS/ILM
16
13
FB
REF
15
14
OUT
GND
LX
TSSOP-EP*
3.3/5
Pin Configurations
ONA
REF
SS/LIM
CLK
OUTPUT
3.3V, 5V,
OR ADJ
UP TO 4A
OUT
GND
LX
1
μH
OFF ON
INPUT
1V TO 5V
SYNC
OR
INTERNAL
MAX1709
Typical Operating Circuit
19-1724; Rev 2; 4/07
EVALUATION
KIT
AVAILABLE
Ordering Informations
PART
TEMP RANGE
PIN-PACKAGE
MAX1709ESE
-40°C to +85°C
16 Narrow SO
MAX1709EUI+
-40°C to +85°C
28 TSSOP-EP*
+
Indicates lead(Pb)-free/RoHS-compliant package.
*
Exposed pad.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX1709EUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1709EUI++ MAXIM-MAX1709EUI+ Datasheet
318Kb / 13P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
More results

Similar Description - MAX1709EUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
MAX1709 MAXIM-MAX1709_V01 Datasheet
318Kb / 13P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1708 MAXIM-MAX1708_10 Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com