Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1744AUB+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1744AUB+
Description  High-Voltage, Step-Down DC-DC Controllers in 關MAX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1744AUB+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1744AUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX1744AUB+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
High-Voltage, Step-Down DC-DC
Controllers in µMAX
8
_______________________________________________________________________________________
100% Duty Cycle and Dropout
The MAX1744/MAX1745 operate with a duty cycle up to
100%. This feature extends the input voltage range by
turning the MOSFET on continuously when the supply
voltage approaches the output voltage. This services
the load when conventional switching regulators with
less than 100% duty cycle would fail. Dropout voltage is
defined as the difference between the input and output
voltages when the input is low enough for the output to
drop out of regulation. Dropout depends on the
MOSFET drain-to-source on-resistance, current-sense
resistor, and inductor series resistance, and is propor-
tional to the load current:
Regulation Control Scheme
The MAX1744/MAX1755 have a unique operating
scheme that allows PWM operation at medium and high
current, with automatic switching to pulse-skipping
mode at lower currents to improve light-load efficiency.
Figure 2 shows the simplified block diagram.
Under medium- and heavy-load operation, the inductor
current is continuous and the part operates in PWM
mode. In this mode, the switching frequency is set by
either the 1µs minimum on-time or the 2µs minimum off-
time, depending on the duty cycle. The duty cycle is
approximately the output voltage divided by the input
voltage. If the duty cycle is less than 33%, the minimum
on-time controls the frequency; and the frequency is
approximately f
≈ 1MHz  D, where D is the duty cycle.
If the duty cycle is greater than 33%, the off-time sets the
frequency; and the frequency is approximately f
≈ 500kHz
 (1 - D).
In both cases, the voltage is regulated by the error
comparator. For low duty cycles (<33%), the MOSFET
is turned on for the minimum on-time, causing fixed-on-
time operation. During the MOSFET on-time, the output
voltage rises. Once the MOSFET is turned off, the volt-
age drops to the regulation threshold (set by the inter-
nal voltage-divider for the MAX1745 and by the external
voltage-divider for the MAX1744), at which time another
cycle is initiated. For high duty cycles (>33%), the
MOSFET remains off for the minimum off-time, causing
fixed-off-time operation. In this case, the MOSFET
remains on until the output voltage rises to the regula-
tion threshold. Then the MOSFET turns off for the mini-
mum off-time, initiating another cycle.
By switching between fixed-on-time and fixed-off-time
operation, the MAX1744/MAX1745 can operate at high
input-output ratios, yet still operate up to 100% duty
cycle for low dropout. Note that when transitioning from
fixed-on-time to fixed-off-time operation, the output volt-
age drops slightly due to the output ripple voltage. In
fixed-on-time operation, the minimum output voltage is
regulated, but in fixed-off-time operation, the maximum
output voltage is regulated. Thus, as the input voltage
drops below approximately three times the output volt-
age, a decrease in line regulation can be expected.
The drop in voltage is approximately VDROP
≈ VRIPPLE / 2.
At light output loads, the inductor current is discontinu-
ous, causing the MAX1744/MAX1745 to operate at
Figure 1. Typical Application Circuit
GND
REF
VL
D2
IN
MAX1744
VH
3/5
5V
3.3V
ON
OFF
SHDN
EXT
INPUT
4.5V TO 36V
P
D1
NIHON
EC2IQ506
M1
FAIRCHILD
NDS9407
OUT
CS
OUT
3.3V OR 5V
2A
C1
220
μF
L1
22
μH
RSENSE
40m
Ω
C3
4.7
μF
C2
4.7
μF
LOW ESR
0.47
μF
Dropout voltage=
I
x R
+ R
+ R
OUT
DS(ON)
SENSE
INDUCTOR
[]


Similar Part No. - MAX1744AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744AUB++ MAXIM-MAX1744AUB+ Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
More results

Similar Description - MAX1744AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Linear Technology
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com