Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1982 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1982
Description  Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1982 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1982_08 Datasheet HTML 1Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 2Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 3Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 4Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 5Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 6Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 7Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 8Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.5
3.5
2.5
26
27
28
29
30
25
1.5
5.5
VBIAS = 5V
BIAS INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.5
3.5
2.5
135
140
145
150
130
1.5
5.5
VBIAS = 5V
GROUND CURRENT vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
250
200
150
100
50
160
165
170
175
155
0300
VBIAS = 5V
VIN = 1.8V
Typical Operating Characteristics
(Circuit of Figure 3, TA = +25°C, unless otherwise noted.)
Low-Voltage, Low-Dropout Linear Regulators
with External Bias Supply
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 3, VIN = 1.8V, VOUT = 1.2V, ILOAD = 1mA, CLOAD = 10µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
MAX1983 0.80V
Output Voltage Accuracy
VOUT
IOUT = 1mA to 300mA,
VOUT + 0.5V < VIN < 5.5V
-3
+3
%
ILOAD = 300mA
350
Dropout Voltage
VDO
ILOAD = 150mA
175
mV
Current Limit
ILIM
VIN - VOUT = 1.3V
330
1400
mA
PGOOD COMPARATOR
Comparator Threshold
% of regulated output voltage
-12.5
-6
%
LOGIC AND I/O
SHDN Input High Voltage
VIH
2.4
V
SHDN Input Low Voltage
VIL
0.8
V
SHDN Input Current
-1
+1
µA
PGOOD Output Low Voltage
PGOOD sinking 1mA
0.1
V
PGOOD Output High Leakage
Current
0 < VPGOOD < VIN
-1
+1
µA
DYNAMICS
PGOOD Propagation Delay
tPD
Rising edge within 5% of regulation level
1
4
ms
Note 1: Specifications over temperature are guaranteed by design, not production tested.
Note 2: VOUT is 1.2V for MAX1982. For MAX1983 VOUT is set to 1.2V with circuit of Figure 4.


Similar Part No. - MAX1982_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1982EUT+T MAXIM-MAX1982EUT+T Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results

Similar Description - MAX1982_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
   500 mA ultra-low dropout linear regulator with bias supply
Rev 2 - April 2018
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com