Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2031ETP+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2031ETP+
Description  High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2031ETP+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2031ETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 9Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 10Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 11Page - Maxim Integrated Products MAX2031ETP+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
High-Linearity, 650MHz to 1000MHz Upconversion/
Downconversion Mixer with LO Buffer/Switch
8
_______________________________________________________________________________________
30
20
25
10
15
5
0
RF PORT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
750
850
900
800
950
1000
1050
PLO = -3dBm, 0dBm, +3dBm
50
35
40
45
30
25
20
15
10
5
0
0
200
100
300
400
500
IF PORT RETURN LOSS
vs. IF FREQUENCY
IF FREQUENCY (MHz)
VCC = 4.75V, 5.0V, 5.25V
INCLUDES IF TRANSFORMER
50
35
40
45
30
25
20
15
10
5
0
0
200
100
300
400
500
IF PORT RETURN LOSS
vs. IF FREQUENCY
IF FREQUENCY (MHz)
INCLUDES IF TRANSFORMER
PLO = -3dBm, 0dBm, +3dBm
40
35
30
25
20
15
10
5
0
800
900
1000
1100
1200
1300
LO SELECTED RETURN LOSS
vs. LO FREQUENCY
LO FREQUENCY (MHz)
PLO = -3dBm
PLO = +3dBm
PLO = 0dBm
60
40
50
20
30
10
0
800
1300
LO UNSELECTED RETURN LOSS
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1000
900
1100
1200
PLO = -3dBm, 0dBm, +3dBm
100
90
80
70
60
-40
10
-15
35
60
85
SUPPLY CURRENT
vs.TEMPERATURE (TC)
TEMPERATURE (
°C)
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V
Downconverter Curves
30
40
35
50
45
55
60
800
900
850
950
1000
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = -40
°C, -25°C
TC = +85
°C TC = +25°C
30
40
35
50
45
55
60
800
900
850
950
1000
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
30
40
35
50
45
55
60
800
900
850
950
1000
RF-TO-IF ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
VCC = 4.75V, 5.0V, 5.25V
Typical Operating Characteristics (continued)
(
Typical Application Circuit, optimized for the 800MHz/900MHz cellular band (see Table 1), C1 = 82pF, C5 = 2pF, L1 and C4 not used,
VCC = 5.0V, PLO = 0dBm, PRF = 0dBm, fLO > fRF, fIF = 160MHz, TC = +25°C, unless otherwise noted.)


Similar Part No. - MAX2031ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2031ETP MAXIM-MAX2031ETP Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
More results

Similar Description - MAX2031ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com