Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2035CCQ+TD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2035CCQ+TD
Description  Ultrasound Variable-Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2035CCQ+TD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2035CCQ+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 9Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 10Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 11Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 12Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Ultrasound Variable-Gain Amplifier
______________________________________________________________________________________
11
MAX2035
MAX2034
MAX1434 ADC
VG_CTL+
VG_CTL-
VG_OUT_+
VG_OUT_-
VGIN_+
VGIN_-
SINGLE CHANNEL
SINGLE CHANNEL
VGA
50
Ω
100nF
ZIN CONTROL
D2, D1, D0
TO A SINGLE
CHANNEL OF
100nF
50
Ω
100nF
100nF
100nF
18nF
100nF
VIN
-V
+V
Figure 2. Typical per-Channel Ultrasound-Imaging Application
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
GND
GND
GND
VGIN4+
GND
VGIN3+
VGIN3-
GND
GND
VGOUT2+
GND
VCC
VGOUT3-
VGOUT3+
GND
VGOUT4-
VGOUT4+
GND
GND
GND
VG_CTL+
VG_CTL-
VGOUT5-
GND
GND
VGOUT6-
VGOUT6+
GND
VCC
VGOUT7-
VGOUT7+
GND
*EP = EXPOSED PAD
VGOUT2-
MAX2035
TOP VIEW
EXT_C1
EXT_C2
EXT_C3
VGIN5-
GND
GND
GND
VCC
GND
GND
VGIN6-
GND
GND
VGIN5+
VGIN6+
VGIN4-
VGOUT5+
TQFP
(14mm x 14mm)
+
*EP
Pin Configuration


Similar Part No. - MAX2035CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035CCQ+TD MAXIM-MAX2035CCQ+TD Datasheet
243Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
More results

Similar Description - MAX2035CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035 MAXIM-MAX2035 Datasheet
243Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037 MAXIM-MAX2037 Datasheet
241Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com