Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2038CCQ+TD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2038CCQ+TD
Description  Ultrasound VGA Integrated with CW Octal Mixer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2038CCQ+TD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2038CCQ+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 9Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 10Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 11Page - Maxim Integrated Products MAX2038CCQ+TD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Ultrasound VGA Integrated
with CW Octal Mixer
8
_______________________________________________________________________________________
20
15
10
5
0
-5
-10
-15
-20
0.1
10
100
1
1000
LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
VOUT = 1.5VP-P DIFFERENTIAL
VG_CTL = +0.6VP-P DIFFERENTIAL
10
5
0
-5
-10
-15
-20
-25
-30
0.1
10
100
1
1000
LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
VOUT = 1.5VP-P DIFFERENTIAL
VG_CTL = +1.5VP-P
5
0
-5
-10
-15
-20
-25
-30
-35
0.1
10
100
1
1000
LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
VOUT = 1VP-P DIFFERENTIAL
VG_CTL = +1.7VP-P DIFFERENTIAL
-25
-5
-15
15
5
25
35
-2.5
-0.5
-1.5
0.5
1.5
2.5
GAIN vs. DIFFERENTIAL ANALOG
CONTROL VOLTAGE (VG_CTL)
VG_CTL (VP-P DIFFERENTIAL)
f = 5MHz
40
35
30
25
20
15
10
5
0
0.1
10
100
1
1000
LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
VOUT = 1.5VP-P DIFFERENTIAL
VG_CTL = -2VP-P DIFFERENTIAL
30
25
20
15
10
5
0
-5
-10
0.1
10
100
1
1000
LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
VOUT = 1.5VP-P DIFFERENTIAL
VG_CTL = -1VP-P DIFFERENTIAL
-100
-90
-95
-80
-85
-75
-65
-70
-60
-15
5
-5
15
25
35
CHANNEL-TO-CHANNEL CROSSTALK
vs. GAIN
GAIN (dB)
VOUT = 1.5VP-P DIFFERENTIAL
f = 10MHz, ADJACENT CHANNELS
-30
-110
1
10
100
CHANNEL-TO-CHANNEL CROSSTALK
vs. FREQUENCY
-90
-100
FREQUENCY (MHz)
-70
-80
-60
-50
-40
VOUT = 1VP-P DIFFERENTIAL
GAIN = 10dB, ADJACENT CHANNELS
0
10
20
30
40
50
-15
5
-5
15
25
35
OUTPUT-REFERRED NOISE VOLTAGE
vs. GAIN
GAIN (dB)
f = 5MHz
Typical Operating Characteristics (continued)
(Figure 7, VCC = VREF = 4.75V to 5.25V, VGND = 0, PD = 0, VG_CLAMP_MODE = 1, fRF = 5MHz, capacitance to GND at each of the
VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF, RL = 1k
Ω, TA = 0°C to +70°C. Typical
values are at VCC = VREF = 5V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX2038CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2038CCQ+TD MAXIM-MAX2038CCQ+TD Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
More results

Similar Description - MAX2038CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
   Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
80Kb / 2P
   Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
   Octal Ultrasound AFE with JESD204B
logo
Maxim Integrated Produc...
MAX2079 MAXIM-MAX2079 Datasheet
3Mb / 49P
   Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
19-5901; Rev 1; 10/12
logo
Texas Instruments
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
   Octal Ultrasound AFE with Digital Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com