Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2042ETP+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2042ETP+
Description  SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2042ETP+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2042ETP+ Datasheet HTML 1Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 2Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
SiGe High-Linearity, 2000MHz to 3000MHz
Upconversion/Downconversion Mixer with LO Buffer
General Description
The MAX2042 single, high-linearity upconversion/down-
conversion mixer provides +36dBm IIP3, 7.3dB noise fig-
ure, and 7.2dB conversion loss for 2000MHz to 3000MHz
WCS, LTE, WiMAXK, and MMDS wireless infrastructure
applications. With a wide LO frequency range of 1800MHz
to 2800MHz, this particular mixer is ideal for low-side LO
injection receiver and transmitter architectures. High-side
LO injection is supported by the MAX2042A, which is pin-
pin and functionally compatible with the MAX2042.
In addition to offering excellent linearity and noise
performance, the MAX2042 also yields a high level of
component integration. This device includes a double-
balanced passive mixer core, an LO buffer, and on-chip
baluns that allow for single-ended RF and LO inputs.
The MAX2042 requires a nominal LO drive of 0dBm,
and supply current is typically 138mA at VCC = +5.0V or
120mA at VCC = +3.3V.
The MAX2042 is pin compatible with the MAX2042A
2000MHz to 3900MHz mixer. The device is also pin simi-
lar with the MAX2029/MAX2031 650MHz to 1000MHz
mixers, the MAX2039/MAX2041 1700MHz to 3000MHz
mixers, and the MAX2044/MAX2044A 3000MHz to
4000MHz mixers, making this entire family of up/down-
converters ideal for applications where a common PCB
layout is used for multiple frequency bands.
The MAX2042 is available in a compact 20-pin thin QFN
(5mm x 5mm) package with an exposed pad. Electrical
performance is guaranteed over the extended -40NC to
+85NC temperature range.
Applications
2.3GHz WCS Base Stations
2.5GHz WiMAX and LTE Base Stations
2.7GHz MMDS Base Stations
Fixed Broadband Wireless Access
Wireless Local Loop
Private Mobile Radios
Military Systems
Features
S
2000MHz to 3000MHz RF Frequency Range
S
1800MHz to 2800MHz LO Frequency Range
S
50MHz to 500MHz IF Frequency Range
S
7.2dB Conversion Loss
S
7.3dB Noise Figure
S
+36dBm Typical IIP3
S
+23.4dBm Typical Input 1dB Compression Point
S
70dBc Typical 2RF-2LO Spurious Rejection at PRF
= -10dBm
S
Integrated LO Buffer
S
Integrated RF and LO Baluns for Single-Ended
Inputs
S
Low -3dBm to +3dBm LO Drive
S
Pin Compatible with the MAX2042A 2000MHz to
3900MHz High-Side LO Injection Mixer
S
Pin Similar with the MAX2029/MAX2031 650MHz
to 1000MHz Mixers, MAX2039/MAX2041 1700MHz
to 3000MHz Mixers, and MAX2044/MAX2044A
3000MHz to 4000MHz Mixers
S
Single +5.0V or +3.3V Supply
S
External Current-Setting Resistor Provides Option
for Operating Device in Reduced-Power/Reduced-
Performance Mode
19-4679; Rev 0; 8/09
Pin Configuration/
Functional Diagram
WiMAX is a trademark of WiMAX Forum.
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
T = Tape and reel.
MAX2042
TOP VIEW
19
20
+
18
17
7
6
*EXPOSED PAD
8
RF
GND
GND
9
VCC 1
2
4
5
15
14
12
11
GND 3
13
16
10
VCC
GND
GND
LO
GND
EP*
PART
TEMP RANGE
PIN-PACKAGE
MAX2042ETP+
-40NC to +85NC
20 Thin QFN-EP*
MAX2042ETP+T
-40NC to +85NC
20 Thin QFN-EP*


Similar Part No. - MAX2042ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429 MAXIM-MAX20429 Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX20429AAFNA MAXIM-MAX20429AAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429CAFNA MAXIM-MAX20429CAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
More results

Similar Description - MAX2042ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com