Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2077CTK+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2077CTK+
Description  Octal-Channel Ultrasound Front-End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2077CTK+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2077CTK+ Datasheet HTML 1Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 2Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 3Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 4Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 5Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 6Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 7Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 8Page - Maxim Integrated Products MAX2077CTK+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Octal-Channel Ultrasound Front-End
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuits, VREF = 2.475V to 2.525V, VCC1 = 3.13V to 3.47V, VCC2 = 4.5V to 5.25V, TA = 0°C to +70°C, VGND = 0V,
NP = 0, PD = 0, no RF signals applied. Typical values are at VCC1 = 3.3V, VCC2 = 4.75V, TA = +25°C, unless otherwise noted.) (Note 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
Note 2: Junction temperature TJ = TC + (
θJC x VCC x ICC). This formula can only be used if the component is soldered down to a print-
ed circuit board pad containing multiple ground vias to remove the heat. The junction temperature must not exceed 150°C.
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note 4: Junction temperature TJ = TA + (
θJA x VCC x ICC), assuming there is no heat removal from the exposed pad. The junction
temperature must not exceed 150°C.
VCC_ to GND .........................................................-0.3V to +5.5V
VCC2 - VCC1......................................................................> -0.3V
ZF_, IN_, AG to GND ..................................-0.3V to (VCC + 0.3V)
INC_ ..............................................................................20mA DC
VREF to GND.............................................................-0.3V to +3V
IN_ to AG ...............................................................-0.6V to +0.6V
OUT_, DIN, DOUT, VG_, NP, CS, CLK,
PD to GND ..........................................-0.3V to (VCC1 + 0.3V)
VCC_, VREF analog and digital control signals must be applied
in this order
Input Differential Voltage ................................2.0VP-P differential
Continuous Power Dissipation (TA = +70°C)
56-Pin TQFN (derate 47.6mW/°C above +70°C) ..............3.8W
68-Pin TQFN (derate 40.0mW/°C above +70°C) ..............4.0W
Operating Temperature Range (Note 1).................0°C to +70°C
Junction Temperature ......................................................+150°C
θJC (Notes 2, 3) (56-Pin TQFN)..........................................1°C/W
θJC (Notes 2, 3) (68-Pin TQFN).......................................0.3°C/W
θJA (Notes 3, 4) (56-Pin TQFN) ........................................21°C/W
θJA (Notes 3, 4) (68-Pin TQFN) ........................................20°C/W
Storage Temperature Range .............................-40°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3.3V Supply Voltage
VCC1
3.13
3.3
3.47
V
4.75V/5V Supply Voltage
VCC2
4.5
4.75
5.25
V
External Reference Voltage
Range
VREF
(Note 6)
2.475
2.525
V
CMOS Input High Voltage
VIH
Applies to CMOS control inputs
2.5
V
CMOS Input Low Voltage
VIL
Applies to CMOS control inputs
0.8
V
CMOS Input Leakage Current
IIN
0V to 3.3V
10
μA
Data Output High Voltage
DOUT_HI
10M
load
VCC1
V
Data Output Low Voltage
DOUT_LO
10M
load
0
V
4.75V/5V Supply Standby Current
I_NP_5V_TOT
NP = 1, all channels
3.9
6
mA
3V Supply Standby Current
I_NP_3V_TOT
NP = 1, all channels
1.7
3
mA
4.75V/5V Power-Down Current
I_PD_5V_TOT
PD = 1, all channels (Note 7)
0.4
10
μA
3V Power-Down Current
I_PD_3V_TOT
PD = 1, all channels (Note 7)
0.3
10
μA
3V Supply Current per Channel
I_3V_NM
Total I divided by 8, VG+ - VG1 = -2V
11
18
mA
4.75V/5V Supply Current per
Channel
I_5V_NM
Total I divided by 8
6.0
8.3
mA
DC Power per Channel
P_NM
64.8
105
mW
Differential Analog Control
Voltage Range
VGAIN_RANG
VG+ - VG-
±3
V


Similar Part No. - MAX2077CTK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
More results

Similar Description - MAX2077CTK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
   Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
logo
Analog Devices
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
   Octal Ultrasound Analog Front End
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
   Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
[Old version datasheet]   Ultrasound Analog Front-End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
LM96511 TI1-LM96511_15 Datasheet
13Mb / 74P
[Old version datasheet]   Ultrasound Receive Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com