Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2247 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2247
Description  2.4GHz SiGe Linear Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2247 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2247 Datasheet HTML 1Page - Maxim Integrated Products MAX2247 Datasheet HTML 2Page - Maxim Integrated Products MAX2247 Datasheet HTML 3Page - Maxim Integrated Products MAX2247 Datasheet HTML 4Page - Maxim Integrated Products MAX2247 Datasheet HTML 5Page - Maxim Integrated Products MAX2247 Datasheet HTML 6Page - Maxim Integrated Products MAX2247 Datasheet HTML 7Page - Maxim Integrated Products MAX2247 Datasheet HTML 8Page - Maxim Integrated Products MAX2247 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2.4GHz SiGe Linear Power Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC_ = 3V, fRF = 2.45GHz, with MAX2247 EV kit optimized for POUT = +23dBm. TA = +25°C, unless otherwise noted.)
OUTPUT POWER, SUPPLY CURRENT
vs. SUPPLY VOLTAGE
MAX2247 toc01
SUPPLY VOLTAGE (V)
3.0
3.3
3.6
3.9
22
20
18
16
28
26
24
30
550
250
300
350
400
450
500
2.7
4.2
INPUT POWER ADJUSTED TO
KEEP ADJ/ALT CPR = -30dBc/-50dBc
TA = -40
°C
TA = +25
°C
TA = +85
°C
POUT
ICC
OUTPUT POWER, SUPPLY CURRENT
vs. SUPPLY VOLTAGE
MAX2247 toc02
SUPPLY VOLTAGE (V)
3.0
3.3
3.6
3.9
22
20
18
16
28
26
24
14
550
250
300
350
400
450
500
2.7
4.2
TA = -40
°C
TA = +25
°C
TA = +85
°C
POUT
INPUT POWER ADJUSTED TO
KEEP ADJ/ALT CPR = -32dBc/-55dBc
ICC
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.9
3.6
3.3
3.0
26
27
28
29
30
31
32
33
34
35
25
2.7
4.2
POUT = +23dBm
TA = -40
°C
TA = +25
°C
TA = +85
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.9
3.6
3.3
3.0
260
270
280
290
300
310
320
330
340
350
250
2.7
4.2
POUT = +23dBm
TA = -40
°C
TA = +25
°C
TA = +85
°C
ADJ CPR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.9
3.6
3.3
3.0
-38
-36
-34
-32
-30
-28
-26
-24
-40
2.7
4.2
POUT = +23dBm
TA = -40
°C
TA = +25
°C
TA = +85
°C
ALT CPR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.9
3.6
3.3
3.0
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-66
2.7
4.2
POUT = +23dBm
TA = -40
°C
TA = +25
°C
TA = +85
°C
OUTPUT POWER vs. INPUT POWER
PIN (dBm)
0
-5
-15
-10
5
10
15
20
25
30
35
40
0
-20
5
VCC = +4.2V
VCC = +3.3V
VCC = +3.0V
SUPPLY CURRENT vs. OUTPUT POWER
POUT (dBm)
22
20
18
16
14
12
50
100
150
200
250
300
0
10
BIAS CURRENT ADJUSTED
TO KEEP ADJ/ALT CPR =
-32dBc/-55dBc
ADJ/ALT CPR vs. OUTPUT POWER
POUT (dBm)
22
20
14
16
18
12
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-70
10
24
ADJ CPR
ALT CPR


Similar Part No. - MAX2247

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
MAX2247 MAXIM-MAX2247 Datasheet
191Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX2247EBC-T MAXIM-MAX2247EBC-T Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
MAX2247EVKIT MAXIM-MAX2247EVKIT Datasheet
191Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX2247 MAXIM-MAX2247_1 Datasheet
191Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results

Similar Description - MAX2247

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Fairchild Semiconductor
FMPA2300 FAIRCHILD-FMPA2300 Datasheet
540Kb / 9P
   2.3-2.4GHz WiMax/WiBro Linear Power Amplifier
logo
Skyworks Solutions Inc.
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
   2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
logo
Tachyonics CO,. LTD
THM2004J TACHYONICS-THM2004J Datasheet
199Kb / 8P
   SiGe HBT MMIC Wideband Linear Amplifier
THM2003J TACHYONICS-THM2003J Datasheet
193Kb / 8P
   SiGe HBT MMIC Wideband Linear Amplifier
logo
RF Micro Devices
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com