Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2837 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2837
Description  2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2837 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2837 Datasheet HTML 3Page - Maxim Integrated Products MAX2837 Datasheet HTML 4Page - Maxim Integrated Products MAX2837 Datasheet HTML 5Page - Maxim Integrated Products MAX2837 Datasheet HTML 6Page - Maxim Integrated Products MAX2837 Datasheet HTML 7Page - Maxim Integrated Products MAX2837 Datasheet HTML 8Page - Maxim Integrated Products MAX2837 Datasheet HTML 9Page - Maxim Integrated Products MAX2837 Datasheet HTML 10Page - Maxim Integrated Products MAX2837 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2.3GHz to 2.7GHz Wireless
Broadband RF Transceiver
_______________________________________________________________________________________
7
AC ELECTRICAL CHARACTERISTICS—FREQUENCY SYNTHESIS
(MAX2837 evaluation kit: VCC_ = 2.8V, fLO = 2.5GHz, fREF = 40MHz, ENABLE = CS = high, SCLK = DIN = low, PLL loop bandwidth =
120kHz, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQUENCY SYNTHESIZER
RF Channel Center Frequency
2.3
2.7
GHz
Channel Center Frequency
Programming Minimum Step Size
20
Hz
Charge-Pump Comparison
Frequency
11
40
MHz
Reference Frequency Range
11
40
80
MHz
Reference Frequency Input
Levels
AC-coupled to XTAL2 pin
800
mVP-P
Resistance (XTAL2 pin)
10
k
Reference Frequency Input
Impedance (R || C)
Capacitance (XTAL2 pin)
1
pF
Programmable Reference Divider
Values
1
2
4
Closed-Loop Integrated Phase
Noise
Loop BW = 120kHz; integrate phase noise from 200Hz
to 5MHz, charge-pump comparison frequency = 40MHz
-39
dBc
Charge-Pump Output Current
On each differential side
1.6
mA
fOFFSET = 0 to 1.8MHz
-40
fOFFSET = 1.8MHz to 7MHz
-70
Close-In Spur Level
fOFFSET > 7MHz
-80
dBc
Reference Spur Level
-85
dBc
Turnaround LO Frequency Error
Relative to steady state; measured 35μs after Tx-Rx or
Rx-Tx switching instant, and 4μs after any receiver
gain changes
±50
Hz
Temperature Range over Which
VCO Maintains Lock
Relative to the ambient temperature TA, as long as the
VCO lock temperature range is within operating
temperature range
TA ±40
°C
Reference Output Clock Divider
Values
1
2
Output Clock Drive Level
20MHz output, 1x drive setting
1.5
VP-P
Resistance
10
k
Output Clock Minimum Load
Impedance (R || C)
Capacitance
2
pF


Similar Part No. - MAX2837

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
1Mb / 11P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 2; 1/16
MAX2837ETM+TD MAXIM-MAX2837ETM+TD Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2837EVKIT MAXIM-MAX2837EVKIT Datasheet
1Mb / 11P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 2; 1/16
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
More results

Similar Description - MAX2837

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Renesas Technology Corp
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com