Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2837ETM+TD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2837ETM+TD
Description  2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2837ETM+TD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2837ETM+TD Datasheet HTML 1Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 2Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 3Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2.3GHz to 2.7GHz Wireless
Broadband RF Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2837 evaluation kit: VCC_ = 2.7V to 3.6V, Rx set to the maximum gain; CS = high, RXHP = SCLK = DIN = low, RSSI and clock output
buffer are off, no signal at RF inputs, all RF inputs and outputs terminated into 50Ω, receiver baseband outputs are open; 90mVRMS dif-
ferential I and Q signals applied to I, Q baseband inputs of transmitter in transmit mode, fREF = 40MHz, registers set to recommended
settings and corresponding test mode, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 2.8V, fLO = 2.5GHz,
and TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCLNA, VCCTXMX, VCCTXPAD, VCCDIG, VCCCP, VCCXTAL,
VCCVCO, VCCRXVGA, VCCRXFL and VCCRXMX to
GND...................................................................-0.3V to +3.9V
B1–B7, TXRF_,
CS, SCLK, DIN, DOUT, TXBBI_, TXBBQ_, RXHP,
RXBBI_, RXBBQ_, RSSI, ENABLE, BYPASS, CPOUT_,
CLOCKOUT, XTAL1, XTAL2, RXRF_,RXENABLE, TXENABLE
to GND.......................................-0.3V to (Operating VCC + 0.3V)
RXBBI_, RXBBQ_, RSSI, BYPASS, CPOUT_, DOUT, CLOCKOUT,
PABIAS Short-Circuit Duration............................................10s
RF Input Power ...............................................................+10dBm
Continuous Power Dissipation (TA = +70°C)
48-Pin Thin QFN (derates 37mW/°C above +70°C).......2.96W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC_
2.7
3.6
V
Shutdown mode, TA = +25
°C10
µA
Standby mode
35
45
Rx mode
91
110
Tx mode, TA = +25
°C
145
170
Rx calibration mode
135
160
Supply Current
Tx calibration mode
110
135
mA
D9:D8 = 00 in A4:A0 = 00100
0.85
1.0
1.20
D9:D8 = 01 in A4:A0 = 00100
1.1
D9:D8 = 10 in A4:A0 = 00100
1.2
Rx I/Q Output Common-Mode
Voltage
D9:D8 = 11 in A4:A0 = 00100
1.35
V
Tx Baseband Input Common-
Mode Voltage Operating Range
DC-coupled
0.5
1.2
V
Tx Baseband Input Bias Current
Source current
10
20
µA
LOGIC INPUTS: ENABLE, TXENABLE, RXENABLE, SCLK, DIN,
CS, B7:B1, RXHP
Digital Input-Voltage High, VIH
VCC -
0.4
V
Digital Input-Voltage Low, VIL
0.4
V
Digital Input-Current High, IIH
-1
+1
µA
Digital Input-Current Low, IIL
-1
+1
µA
CAUTION! ESD SENSITIVE DEVICE


Similar Part No. - MAX2837ETM+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837ETM+TD MAXIM-MAX2837ETM+TD Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
More results

Similar Description - MAX2837ETM+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Renesas Technology Corp
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com