Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3467 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3467
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3467 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3467 Datasheet HTML 1Page - Maxim Integrated Products MAX3467 Datasheet HTML 2Page - Maxim Integrated Products MAX3467 Datasheet HTML 3Page - Maxim Integrated Products MAX3467 Datasheet HTML 4Page - Maxim Integrated Products MAX3467 Datasheet HTML 5Page - Maxim Integrated Products MAX3467 Datasheet HTML 6Page - Maxim Integrated Products MAX3467 Datasheet HTML 7Page - Maxim Integrated Products MAX3467 Datasheet HTML 8Page - Maxim Integrated Products MAX3467 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device
ground, unless otherwise noted.
Note 2:
ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: The short-circuit output current applies to peak current just prior to foldback-current limiting; the short-circuit foldback output
current applies during current limiting to allow a recovery from bus contention.
Note 4: Capacitive load includes test probe and fixture capacitance.
Note 5: Shutdown is enabled by bringing RE high and DE low or by bringing SHDN high. If the enable inputs are in this state for less
than 50ns, the device is guaranteed not to enter shutdown. If the enable inputs are in this state for at least 800ns, the device
is guaranteed to have entered shutdown.
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Output Skew
|tPLH -
tPHL|
Figure 10, CL = 15pF, RXP = GND or open
(Note 4)
2ns
Receiver Enable to Output Low
tZL
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S1 closed (Note 4)
30
ns
Receiver Enable to Output High
tZH
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S2 closed (Note 4)
30
ns
Receiver Disable Time from Low
tLZ
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S1 closed (Note 4)
30
ns
Receiver Disable Time from High
tHZ
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S2 closed (Note 4)
30
ns
Time to Shutdown
tSHDN
(Note 5)
50
800
ns
Driver Enable from Shutdown to
Output High
tZH (SHDN)
Figures 8 and 9, RL = 500
Ω, CL = 50pF,
S2 closed (Note 5)
4µs
Driver Enable from Shutdown to
Output Low
tZL (SHDN)
Figures 8 and 9, RL = 500
Ω, CL = 50pF,
S1 closed (Note 5)
4µs
Receiver Enable from Shutdown to
Output High
tZH (SHDN)
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S2 closed (Notes 4, 5)
4µs
Receiver Enable from Shutdown to
Output Low
tZL (SHDN)
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S1 closed (Notes 4, 5)
4µs
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.10
-40
80
DE = VCC
DE = GND
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
10
20
30
40
50
60
0
0
5.0
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
4
3
2
1
5
10
15
20
25
30
35
0
05
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3467

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3467 MAXIM-MAX3467 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3467 MAXIM-MAX3467 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3467CPA MAXIM-MAX3467CPA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3467CPA MAXIM-MAX3467CPA Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3467CSA MAXIM-MAX3467CSA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
More results

Similar Description - MAX3467

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com