Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3100ETG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3100ETG+
Description  SPI/Microwire-Compatible UART in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100ETG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3100ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX3100ETG+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SPI/Microwire-Compatible
UART in QSOP-16
6
_______________________________________________________________________________________
X1
X2
DOUT
BAUD-RATE
GENERATOR
SPI
INTERFACE
BAUD-RATE
GENERATOR
DIN
SCLK
CS
B0
Pt
TX-SHIFT REGISTER
START/STOP-
BIT DETECT
D0t–D7t
RX-SHIFT REGISTER
D0r–D7r
SHDN
FE
RA
XTAL
B1
B2
B3
RX
TX
9
Pt
TX-BUFFER REGISTER
9
Pr
RA/FE
(MASKS)
Pr
R
T
RX-BUFFER REGISTER
Pr
Pr
RX-BUFFER REGISTER
9
9
I / O
CTS
RTS
IRQ
INTERRUPT
LOGIC
TRANSMIT-DONE (TM)
DATA-RECEIVED (RM)
PARITY (PM)
FRAMING ERROR (RAM)/
RECEIVE ACTIVITY
(SOURCES)
ACTIVITY
DETECT
Figure 2. Functional Diagram


Similar Part No. - MAX3100ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100ETG++ MAXIM-MAX3100ETG+ Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
More results

Similar Description - MAX3100ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
   SPI-to-UART Bridge
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
   SPI-to-UART Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com