Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3452EETE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3452EETE+
Description  ±15kV ESD-Protected USB Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3452EETE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3452EETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3452EETE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
±15kV ESD-Protected USB Transceivers
_______________________________________________________________________________________
5
SINGLE-ENDED RECEIVER
PROPAGATION DELAY vs. VL
VL (V)
3.4
3.2
1.8 2.0 2.2
2.6 2.8
2.4
3.0
1
2
3
4
5
6
7
8
0
1.6
3.6
CL = 15pF
TA = +25
°C
TA = +85
°C
TA = -40
°C
RISE-/FALL-TIME MATCHING
(FULL SPEED)
MAX3450-52E toc02
20ns/div
D+/D-
1V/div
CL = 50pF
RISE-/FALL-TIME MATCHING
(LOW SPEED)
MAX3450-52E toc03
100ns/div
D+/D-
1V/div
CL = 400pF
MAX3450-52E toc04
20ns/div
VM
2V/div
VP
2V/div
OE, VP, AND VM TIMING
OE
5V/div
CL = 15pF
0
22
20
18
16
14
12
10
8
6
4
2
24
0
150 200
50
100
250 300 350 400
SUPPLY CURRENT
vs. D+/D- CAPACITANCE
D+/D- CAPACITANCE (pF)
SPD = VL, fIN = 6MHz
SPD = GND, fIN = 750kHz
0
450
400
350
300
250
200
150
100
50
500
0
150 200
50
100
250 300 350 400
LOGIC SUPPLY CURRENT
vs. D+/D- CAPACITANCE
D+/D- CAPACITANCE (pF)
SPD = VL, fIN = 6MHz
SPD = GND, fIN = 750kHz
Typical Operating Characteristics
(VBUS = +5.0V, VL = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3452EETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3452EETE MAXIM-MAX3452EETE Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
More results

Similar Description - MAX3452EETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com