Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3799ETJ+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3799ETJ+
Description  1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3799ETJ+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3799ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 13Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 14Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
1Gbps to 14Gbps, SFP+ Multirate Limiting
Amplifier and VCSEL Driver
______________________________________________________________________________________
11
Typical Operating Characteristics—Limiting Amplifier (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise specified. Figure 1 shows the typical setup used for measurements. Registers are set to
default values unless otherwise noted, and the 3-wire interface is static during measurements. For testing, the RATE_SEL bit was
used and the RSEL pin was left open.)
OPTICAL EYE DIAGRAM
MAX3799 toc19
68ps/div
2.125Gbps, SET_IMOD = 60, 27 - 1 PRBS,
850nm VCSEL, MASK WITH 50%
OPTICAL EYE DIAGRAM
MAX3799 toc20
34ps/div
4.25Gbps, SET_IMOD = 60, 27 - 1 PRBS,
850nm VCSEL, MASK WITH 46%
OPTICAL EYE DIAGRAM
MAX3799 toc21
17ps/div
8.5Gbps, SET_IMOD = 60, 27 - 1 PRBS,
850nm VCSEL, MASK WITH 54%
OPTICAL EYE DIAGRAM
MAX3799 toc22
14ps/div
10.3Gbps, SET_IMOD = 60, 27 - 1 PRBS,
850nm VCSEL, MASK WITH 44%
ELECTRICAL EYE DIAGRAM
MAX3799 toc23
14ps/div
14.025Gbps, SET_IMOD = 60, 231 - 1 PRBS
EYE WIDTH
62.8ps
DETERMINISTIC JITTER
vs. MODULATION CURRENT
MODULATION CURRENT (mAP-P)
10
8
6
4
5.0
5.5
6.0
6.5
7.0
7.5
8.0
4.5
212
PATTERN = PRBS, DATA RATE = 10.32Gbps
TRANSITION TIME
vs. MODULATION CURRENT
MODULATION CURRENT (mAP-P)
10
8
6
4
8
13
18
23
28
33
38
3
212
FALL TIME
RISE TIME
PATTERN = 11110000,
DATA RATE = 8.5Gbps
TRANSITION TIME
vs. DEEMPHASIS SETTING
SET_TXDE[3:0]
10
9
1
2
3
5
6
7
4
8
27
29
31
33
35
37
39
41
25
011
FALL TIME
RISE TIME
PATTERN = 11110000,
DATA RATE = 8.5Gbps,
IMOD = 10mAP-P
MODULATION CURRENT
vs. DAC SETTING
SET_IMOD[8:0]
250
200
150
100
50
2
4
6
8
10
12
14
0
0
300
RLOAD = 50
Ω
RLOAD = 75
Ω
RLOAD = 100
Ω


Similar Part No. - MAX3799ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results

Similar Description - MAX3799ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
   4Channel 14Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
   1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
logo
Vitesse Semiconductor C...
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com