Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3815ACCM+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3815ACCM+
Description  TMDS Digital Video Equalizer for HDMI/DVI Cables
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3815ACCM+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3815ACCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 9Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 10Page - Maxim Integrated Products MAX3815ACCM+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TMDS Digital Video Equalizer for
HDMI/DVI Cables
_______________________________________________________________________________________ 7
Detailed Description
The MAX3815A TMDS equalizer accepts differential
CML input data at rates of 250Mbps up to 2.25Gbps
(individual channel data rate). It automatically adjusts
to skin-effect losses in copper cable. It consists of four
CML input buffers, a loss-of-clock signal detector, three
independent adaptive equalizers, four limiting amplifiers,
and four output buffers (Figure 1).
CML Input Buffers and Output Drivers
The input buffers and the output drivers are implemented
using current-mode logic (CML) (see Figures 4 and 5). The
output drivers are open-collector and can be turned off
with the OUTON pin. The OUTLEVEL pin sets the output
drive current to one of three levels; see the Applications
Information and Pin Description sections for more infor-
mation. For details on interfacing with CML, refer to
Application Note 291: HFAN-01.0: Introduction to LVDS,
PECL, and CML.
Loss-of-Clock Signal Detector
The loss-of-clock signal detector indicates a loss-of-
clock signal at the CLKLOS pin. This is an open-collector
output that must be connected to VCC through a 4.7kω
external pullup. This resistor is required whether or not
the LOS output is used.
Adaptive Equalizer
The three data channels each contain an independent
adaptive equalizer. Each channel analyzes the incom-
ing signal and determines the amount of equalization to
apply.
Limiting Amplifier
The limiting amplifier amplifies the signal from the adap-
tive equalizer and truncates the top and bottom of the
waveform to provide a clean high- and low-level signal
to the output drivers.
Figure 1. Functional Diagram
INPUT
BUFFER
DRIVER
ADAPTIVE
EQ
LIMITING
AMPLIFIER
TERMINATED
3.3V CML
INPUT
BUFFER
DRIVER
ADAPTIVE
EQ
LIMITING
AMPLIFIER
TERMINATED
3.3V CML
INPUT
BUFFER
DRIVER
ADAPTIVE
EQ
LIMITING
AMPLIFIER
TERMINATED
3.3V CML
INPUT
BUFFER
DRIVER
LIMITING
AMPLIFIER
TERMINATED
3.3V CML
RXC_OUT+/-
OUTLEVEL
RX2_OUT+/-
RX1_OUT+/-
RX0_OUT+/-
RX0_IN+/-
RX1_IN+/-
RX2_IN+/-
RXC_IN+/-
CLKLOS
EQCONTROL
OUTON
CLOCK LOS
DETECTOR
MAX3815A


Similar Part No. - MAX3815ACCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
MAX3815CCM MAXIM-MAX3815CCM Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
MAX3815CCM++ MAXIM-MAX3815CCM+ Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
More results

Similar Description - MAX3815ACCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
Texas Instruments
DS16EV5110 TI1-DS16EV5110_15 Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110SQ TI-DS16EV5110SQ Datasheet
3Mb / 24P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com