Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4412 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4412
Description  Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4412 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4412 Datasheet HTML 1Page - Maxim Integrated Products MAX4412 Datasheet HTML 2Page - Maxim Integrated Products MAX4412 Datasheet HTML 3Page - Maxim Integrated Products MAX4412 Datasheet HTML 4Page - Maxim Integrated Products MAX4412 Datasheet HTML 5Page - Maxim Integrated Products MAX4412 Datasheet HTML 6Page - Maxim Integrated Products MAX4412 Datasheet HTML 7Page - Maxim Integrated Products MAX4412 Datasheet HTML 8Page - Maxim Integrated Products MAX4412 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz
Single-Supply Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC - VOH
0.085
RL = 10k
Ω
VOL - VEE
0.015
VCC - VOH
0.105
0.275
RL = 1k
Ω
VOL - VEE
0.035
0.125
VCC - VOH
0.385
VCC = +5V
RL =
150
Ω
VOL - VEE
0.150
VCC - VOH
0.06
RL = 10k
Ω
VOL - VEE
0.01
VCC - VOH
0.075
RL = 1k
Ω
VOL - VEE
0.025
VCC - VOH
0.275
Output Voltage Swing
VOUT
VCC = +3V
RL =
150
Ω
VOL - VEE
0.070
V
Output Current
IOUT
RL = 20
Ω connected to VCC or VEE, VCC = +5V
±25
±75
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±85
mA
Power Supply Rejection Ratio
PSRR
VCC = +2.7V to +5.5V, VCM = 0, VOUT = 2V
60
77
dB
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, VCM = +1.75V, RL = 1kΩ connected to VCC/2, CL = 5pF, AVCL = +1V/ V , TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small Signal -3dB Bandwidth
BWSS
VOUT = 100mVp-p
500
MHz
Large Signal -3dB Bandwidth
BWLS
VOUT = 2Vp-p
30
MHz
VOUT = 100mVp-p
50
Bandwidth for 0.1dB Flatness
BW0.1dB
VOUT = 2Vp-p
16
MHz
Slew Rate
SR
VOUT = 2V step
140
V/µs
Rise/Fall Time
tR, tF
VOUT = 2V step, 10% to 90%
14
ns
Settling Time to 0.1%
tS 1%
VOUT = 2V step
100
ns
VCC = +5V, fC = 5MHz, VOUT = 1Vp-p
-84
Spurious-Free Dynamic Range
SFDR
VCC = +3V, fC = 5MHz, VOUT = 1Vp-p
-93
dBc
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VCM = VCC/2 - 0.75V, VEE = 0, RL = ∞ to VCC/2, VOUT = VCC/2, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX4412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412EUK-T MAXIM-MAX4412EUK-T Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412EXK-T MAXIM-MAX4412EXK-T Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
More results

Similar Description - MAX4412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4452 MAXIM-MAX4452 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com