Electronic Components Datasheet Search |
|
MAX3468EPA Datasheet(PDF) 11 Page - Maxim Integrated Products |
|
MAX3468EPA Datasheet(HTML) 11 Page - Maxim Integrated Products |
11 / 13 page +5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers ______________________________________________________________________________________ 11 Applications Information 128 Transceivers on the Bus The standard RS-485 receiver input impedance is 12k Ω (one unit load), and the standard driver can drive up to 32 unit loads. The MAX3465–MAX3469 family of trans- ceivers has a 1/4-unit-load receiver input impedance (48k Ω), allowing up to 128 transceivers to be connect- ed in parallel on one communication line. Any combina- tion of these devices and/or other RS-485 transceivers with a total of 32 unit loads or less can be connected to the line. Low-Power Shutdown Mode (Except MAX3467) Low-power shutdown mode is initiated by bringing SHDN high (MAX3465/MAX3466), or both RE high and DE low. In shutdown, the devices typically draw only 1µA of supply current. RE and DE can be driven simul- taneously; the devices are guaranteed not to enter shut- down if RE is high and DE is low for less than 50ns. If the inputs are in this state for at least 800ns, the devices are guaranteed to enter shutdown. Driver Output Protection Two mechanisms prevent excessive output current and power dissipation caused by faults or by bus con- tention. The first, a foldback current limit on the output stage, provides immediate protection against short cir- cuits over the whole common-mode voltage range (see the Typical Operating Characteristics). The second, a thermal-shutdown circuit, forces the driver outputs into a high-impedance state if the die temperature exceeds +140°C. Propagation Delay Many digital encoding schemes depend on the difference between the driver and receiver propagation delay times. Typical propagation delays are shown in the Typical Operating Characteristics. The difference in receiver delay times, |tPLH - tPHL|, is a maximum of 2ns. The driver skew time |tPLH - tPHL| is also a maximum of 2ns. Typical Applications The MAX3465–MAX3469 transceivers are designed for bidirectional data communications on multipoint bus transmission lines. Figures 13 and 14 show typical net- work applications circuits. To minimize reflections, the line should be terminated at both ends in its character- istic impedance, and stub lengths off the main line should be kept as short as possible. Profibus Termination The MAX3465–MAX3469 are designed for driving Profibus termination networks. With a worst-case load- ing of two termination networks with 220 Ω termination impedance and 390 Ω pullups and pulldowns, the dri- vers can drive VA-B > 2.1V output. Chip Information TRANSISTOR COUNT: 610 PROCESS: BiCMOS VID ATE RECEIVER OUTPUT B A R Figure 12. Receiver Propagation Delay Test Circuit Ordering Information (continued) PART TEMP RANGE PIN-PACKAGE MAX3466CSD 0°C to +70°C 14 SO MAX3466CPD 0°C to +70°C 14 Plastic DIP MAX3466ESD -40°C to +85°C 14 SO MAX3466EPD -40°C to +85°C 14 Plastic DIP MAX3467CSA 0°C to +70°C 8 SO MAX3467CPA 0°C to +70°C 8 Plastic DIP MAX3467ESA -40°C to +85°C 8 SO MAX3467EPA -40°C to +85°C 8 Plastic DIP MAX3468CSA 0°C to +70°C 8 SO MAX3468CPA 0°C to +70°C 8 Plastic DIP MAX3468ESA -40°C to +85°C 8 SO MAX3468EPA -40°C to +85°C 8 Plastic DIP MAX3469CSA 0°C to +70°C 8 SO MAX3469CPA 0°C to +70°C 8 Plastic DIP MAX3469ESA -40°C to +85°C 8 SO MAX3469EPA -40°C to +85°C 8 Plastic DIP |
Similar Part No. - MAX3468EPA |
|
Similar Description - MAX3468EPA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |