Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4610 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4610
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4610 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4610 Datasheet HTML 1Page - Maxim Integrated Products MAX4610 Datasheet HTML 2Page - Maxim Integrated Products MAX4610 Datasheet HTML 3Page - Maxim Integrated Products MAX4610 Datasheet HTML 4Page - Maxim Integrated Products MAX4610 Datasheet HTML 5Page - Maxim Integrated Products MAX4610 Datasheet HTML 6Page - Maxim Integrated Products MAX4610 Datasheet HTML 7Page - Maxim Integrated Products MAX4610 Datasheet HTML 8Page - Maxim Integrated Products MAX4610 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
V+ ...........................................................................-0.3V to +13V
IN_, COM_, NO_, NC_ (Note 1)....................-0.3V to (V+ + 0.3V)
Continuous Current (any terminal)
(pulsed at 1ms, 10% duty cycle) .....................................20mA
Peak Current (any terminal)
(pulsed at 1ms, 10% duty cycle) .....................................40mA
ESD per Method 3015.7......................................................> 2kV
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 6.3mW/°C above +70°C) ..........500mW
14-Pin Narrow SO (derate 8.00mW/°C above +70°C) ..640mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ..800mW
16-Pin QFN (derate 18.5mW/°C above +70°C) ..........1481mW
Operating Temperature Ranges
MAX461_C_ _ ......................................................0°C to +70°C
MAX461_E_ _....................................................-40°C to +85°C
MAX461_A_ _ .................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
V+ = 5.5V;
VCOM_ = 1V, 4.5V;
VNO_ = 4.5V, 1V
V+ = 4.5V,
ICOM_ = 1mA,
VNO_ = VNC_ = 3V
V+ = 4.5V;
ICOM_ = 1mA;
VNO_ = VNC_ = 3V,
2V, 1V
CONDITIONS
nA
INO(OFF)
NO_ or NC_ Off-Leakage
Current (Note 6)
-30
+30
-0.1
+0.1
Ω
28
RFLAT(ON)
On-Resistance Flatness
(Note 5)
V
0V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
(Note 3)
12
22
Ω
ΔRON
On-Resistance Match
Between Channels (Note 4)
1.0
5
70
100
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = -40°C to +125°C
V+ = 5.5V;
VCOM_ = 1V, 4.5V;
VNO_ = VNC_ = 4.5V, 1V
TA = +25°C
nA
ICOM(OFF)
COM_ Off-Leakage Current
(Note 6)
-30
+30
TA = -40°C to +125°C
-0.1
+0.1
V+ = 5.5V;
VCOM_ = 1V, 4.5V;
VNO_ = VNC_ = 1V, 4.5V,
or floating
nA
ICOM(ON)
COM_ On-Leakage Current
(Note 6)
TA = +25°C
-0.2
+0.2
On-Resistance
RON
Ω
V+ = 4.5V,
ICOM_ = 1mA,
VNO_ = VNC_ = 3V
Note 1: Signals on NO_, NC_, COM_, or IN_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
TA = TMIN to TMAX
8
150
TA = TMIN to TMAX
-30
+30
TA = -40°C to +125°C
-4
+4
TA = -40°C to +85°C
-2
+2
TA = -40°C to +85°C
-2
+2
TA = -40°C to +85°C
ANALOG SWITCH


Similar Part No. - MAX4610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610ASD MAXIM-MAX4610ASD Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610ASD MAXIM-MAX4610ASD Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610C/D MAXIM-MAX4610C/D Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results

Similar Description - MAX4610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com