Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4634ETB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4634ETB
Description  Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4634ETB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4634ETB Datasheet HTML 2Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 3Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 4Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 5Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 6Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 7Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 8Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 9Page - Maxim Integrated Products MAX4634ETB Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Fast, Low-Voltage, 4Ω,
4-Channel CMOS Analog Multiplexer
_______________________________________________________________________________________
9
Test Circuits/Timing Diagrams (continued)
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT SOCKET TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM AND “OFF” TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM AND “ON” TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED BETWEEN COMA AND COMB TERMINALS ON EACH DEVICE.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
NOTES:
V+
V+
V+
VOUT
GND
V+
A
EN
NO
COM
VIN
MAX4634
OFF-ISOLATION = 20log
VOUT
VIN
ON-LOSS = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
10nF
+5V
GND
V+
A1
A0
NO4
MAX4634
CHANNEL
SELECT
NO1
COM
EN
1MHz
CAPACITANCE
ANALYZER
f = 1MHz
Figure 5. Off-Isolation/On-Channel Bandwidth
Figure 6. Channel Off/On-Capacitance
Chip Information
PROCESS: CMOS
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
10 µMAX
21-0061
10 TDFN
T1033-1
21-0137


Similar Part No. - MAX4634ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4634ETB MAXIM-MAX4634ETB Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
MAX4634ETB MAXIM-MAX4634ETB Datasheet
123Kb / 10P
   Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
More results

Similar Description - MAX4634ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4634EUB-T MAXIM-MAX4634EUB-T Datasheet
123Kb / 10P
   Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
MAX4644 MAXIM-MAX4644_11 Datasheet
113Kb / 10P
   High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
logo
List of Unclassifed Man...
AAM3104 ETC2-AAM3104 Datasheet
217Kb / 6P
   ULTRA LOW POWER, 4-CHANNEL CMOS ANALOG MULTIPLEXER
logo
Maxim Integrated Produc...
MAX4734 MAXIM-MAX4734 Datasheet
328Kb / 11P
   0.8?? Low-Voltage, 4-Channel Analog Multiplexer
Rev 0; 4/02
logo
Analog Devices
ADG704 AD-ADG704 Datasheet
107Kb / 8P
   CMOS Low Voltage 4 ohm, 4-Channel Multiplexer
REV. A
ADG704BRMZ-REEL7 AD-ADG704BRMZ-REEL7 Datasheet
116Kb / 8P
   CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
ADG704BRMZ AD-ADG704BRMZ Datasheet
116Kb / 8P
   CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
Maxim Integrated Produc...
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
   IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com