Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4684 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4684
Description  0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4684 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4684 Datasheet HTML 1Page - Maxim Integrated Products MAX4684 Datasheet HTML 2Page - Maxim Integrated Products MAX4684 Datasheet HTML 3Page - Maxim Integrated Products MAX4684 Datasheet HTML 4Page - Maxim Integrated Products MAX4684 Datasheet HTML 5Page - Maxim Integrated Products MAX4684 Datasheet HTML 6Page - Maxim Integrated Products MAX4684 Datasheet HTML 7Page - Maxim Integrated Products MAX4684 Datasheet HTML 8Page - Maxim Integrated Products MAX4684 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0.5
Ω
Ω/0.8Ω
Ω Low-Voltage, Dual SPDT
Analog Switches in UCSP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All Voltages Referenced to GND)
V+, IN_......................................................................-0.3V to +6V
COM_, NO_, NC_ (Note1) ........................... -0.3V to (V+ + 0.3V)
Continuous Current NO_, NC_, COM_ .......................... ±300mA
Peak Current NO_, NC_, COM_
(pulsed at 1ms, 50% duty cycle).................................±400mA
Peak Current NO_, NC_, COM_
(pulsed at 1ms, 10% duty cycle).................................±500mA
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (derate 18.5mW/°C above +70°C)........1482mW
12-Bump UCSP (derate 11.4mW/°C above +70°C) ...909mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Ranges..........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering) (Note 2)
Infared (15s)................................................................+220°C
Vapor Phase (60s) ......................................................+215°C
Note 1: Signals on NO_, NC_, and COM_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
Note 2: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board level solder attach and rework. This limit permits only the use of the solder profiles recom-
mended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and Convection reflow. Pre-
heating is required. Hand or wave soldering is not allowed.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VNO_, VNC_,
VCOM_
E0
V+
V
+25
°C
0.3
0.5
MAX4684
E
0.5
+25
°C0.45
0.8
NC_ On-Resistance
(Note 4)
RON(NC)
V+ = 2.7V; ICOM_ = 100mA;
VNC_ = 0 to V+
MAX4685
E
0.8
Ω
+25
°C0.45
0.8
NO_ On-Resistance
(Note 4)
RON(NO)
V+ = 2.7V; ICOM_ = 100mA;
VNO_ = 0 to V+
E
0.8
Ω
+25
°C0.06
On-Resistance Match
Between Channels
(Notes 4, 5)
ΔRON
V+ = 2.7V; ICOM_ = 100mA;
VNO_ or VNC_ = 1.5V
E
0.06
Ω
MAX4684
E
0.15
NC_ On-Resistance
Flatness (Note 6)
RFLAT (NC)
V+ = 2.7V; ICOM = 100mA;
VNC_ = 0 to V+
MAX4685
E
0.35
Ω
NO_ On-Resistance
Flatness (Note 6)
RFLAT (NO)
V+ = 2.7V; ICOM = 100mA;
VNO_ = 0 to V+
E
0.35
Ω
+25
°C
-1
1
NO_ or NC_ Off-
Leakage Current
(Note 7)
INO_(OFF) or
INC_(OFF)
V+ = 3.3V; VNO_ or VNC_ = 3V, 0.3V;
VCOM_ = 0.3V, 3V
E
-10
10
nA
+25
°C
-2
2
COM_ On-Leakage
Current (Note 7)
ICOM_(ON)
V+ = 3.3V; VNO_ or VNC_ = 3V, 0.3V, or
unconnected; VCOM_ = 3V, 0.3V, or
unconnected
E
-20
20
nA
DYNAMIC CHARACTERISTICS
+25
°C
30
50
Turn-On Time
tON
V+ = 2.7V, VNO_ or VNC_ = 1.5V;
RL = 50
Ω; CL = 35pF; Figure 2
E60
ns
ELECTRICAL CHARACTERISTICS—+3V SUPPLY
(V+ = +2.7V to +3.3V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at +3V and +25°C.)
(Notes 3, 9, 10)


Similar Part No. - MAX4684

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4684-MAX4685 MAXIM-MAX4684-MAX4685 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684EBC MAXIM-MAX4684EBC Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684ETB MAXIM-MAX4684ETB Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results

Similar Description - MAX4684

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4717 MAXIM-MAX4717_05 Datasheet
313Kb / 16P
   4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com