Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4691 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4691
Description  Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4691 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4691_09 Datasheet HTML 1Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 2Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 3Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 4Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 5Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4691_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/
Quad SPDT in UCSP Package
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies
(MAX4691/MAX4692/MAX4693 only)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VIH = +2V, VIL = +0.8V, TA = -40°C to +85°C, unless otherwise noted.) (Notes 2, 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VX, VY, VZ,
VX_, VY_, VZ_
-40°C to +85°C
V-
V+
V
+25°C
18
25
On-Resistance (Note 5)
RON
V+ = 4.5V; IX, IY, IZ = 10mA;
V- = -4.5V; VX_, VY_, VZ_ = 3.5V -40°C to +85°C
30
+25°C
2
3
On-Resistance Match
Between Channels
(Notes 5, 6)
∆RON
V+ = 4.5V; V- = -4.5V; IX, IY, IZ =
10mA; VX_, VY_, VZ_ = 3.5V
-40°C to +85°C
4
+25°C
2.5
3.5
On-Resistance Flatness
(Note 10)
RFLAT(ON)
V+ = 4.5V; V- = -4.5V; IX, IY, IZ =
10mA; VX, VY, VZ = 3.5V, 0,
-3.5V
-40°C to +85°C
4
+25°C
-1
+1
X_ , Y_, Z_ Off-Leakage
Current (Note 7)
IX_,
IY_, IZ_
V+ = 5.5V; V- = -5.5V; VX, VY, VZ
=
+4.5V; VX_, VY_, VZ_ =
±4.5V
-40°C to +85°C
-10
+10
nA
+25°C
-2
+2
X, Y, Z Off-Leakage Current
(Note 7)
IX (OFF),
IY(OFF),
IZ(OFF)
V+ = 5.5V; V- = -5.5V; VX, VY,
VZ = +4.5V; VX_, VY_, VZ_ =
±4.5V
-40°C to +85°C
-20
+20
nA
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +4.5V to +5.5V, V- = 0, VIH = +2V, VIL = +0.8V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Off-Isolation (Note 8)
VISO
f = 0.1MHz, RL = 50
Ω,
CL = 5pF Figure 6
+25°C
-80
dB
Crosstalk (Note 9)
VCT
f = 0.1MHz, RL = 50
Ω,
CL = 5pF Figure 6
+25°C
-87
dB
DIGITAL I/O
Input Logic-High
VIH
2V
Input Logic-Low
VIL
0.8
V
Input Leakage Current
ILEAKAGE
VIN_ = 0 or V+
-1
+1
µA
SUPPLY
+25°C
0.1
Positive Supply Current
I+
V+ = 5.5V; VIN_ = 0 or V+
-40°C to +85°C
-1
1
µA


Similar Part No. - MAX4691_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4691-MAX4694 MAXIM-MAX4691-MAX4694 Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691EBE+T MAXIM-MAX4691EBE+T Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
MAX4691EBE-T MAXIM-MAX4691EBE-T Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691EGE MAXIM-MAX4691EGE Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691EGE++ MAXIM-MAX4691EGE+ Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
More results

Similar Description - MAX4691_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4691 MAXIM-MAX4691 Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691 MAXIM-MAX4691_V01 Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
   SPDT/2:1 Mux in SC70
REV. 0
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG884 AD-ADG884 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com