Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4684ETB+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4684ETB+T
Description  0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4684ETB+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4684ETB+T Datasheet HTML 1Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 2Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 3Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 4Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 5Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 6Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 7Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 8Page - Maxim Integrated Products MAX4684ETB+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0.5
Ω
Ω/0.8Ω
Ω Low-Voltage, Dual SPDT
Analog Switches in UCSP
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.4
0.2
1.0
0.8
0.6
1.6
1.4
1.2
1.8
02
1
345
MAX4684
NC ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
V+ = +3.0V
V+ = +5.0V
V+ = +1.8V
V+ = +2.0V
V+ = +2.3V
V+ = +2.5V
NO ON-RESISTANCE vs. COM VOLTAGE
0
0.5
1.5
1.0
2.0
2.5
02
13
4
5
VCOM (V)
V+ = +5.0V
V+ = +1.8V
V+ = +2.0V
V+ = +2.3V
V+ = +2.5V
V+ = +3.0V
MAX4685
NC ON-RESISTANCE vs. COM VOLTAGE
0
0.2
0.4
0.6
0.8
1.2
1.4
1.8
1.0
1.6
2.0
02
13
4
5
VCOM (V)
V+ = +5.0V
V+ = +2.3V
V+ = +3.0V
V+ = +1.8V
V+ = +2.0V
V+ = +2.5V
0.10
0.12
0.14
0.16
0.20
0.18
0.22
0.24
0.26
0.28
02
13
4
5
MAX4684
NC ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
TA = +85
°C
V+ = +5V
TA = -40
°C
TA = +25
°C
0.10
0.15
0.20
0.25
0.30
0.35
0.40
012345
NO ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
TA = +85
°C
V+ = +5V
TA = -40
°C
TA = +25
°C
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
012345
MAX4685
NC ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
V+ = +5V
TA = +25
°C
TA = -40
°C
TA = +85
°C
01.0
1.5
0.5
2.0
2.5
3.0
0.10
0.15
0.20
0.25
0.30
0.35
MAX4684
NC ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
V+ = +3V
TA = +85
°C
TA = -40
°C
TA = +25
°C
0.15
0.10
0.20
0.25
0.30
0.35
0.40
0.45
0.50
01.0
0.5
1.5
2.0
2.5
3.0
NO ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
V+ = +3V
TA = +85
°C
TA = +25
°C
TA = -40
°C
0.15
0.10
0.20
0.25
0.30
0.35
0.40
0.45
0.50
01.0
0.5
1.5
2.0
2.5
3.0
MAX4685
NC ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
V+ = +3V
TA = +85
°C
TA = +25
°C
TA = -40
°C


Similar Part No. - MAX4684ETB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4684ETB MAXIM-MAX4684ETB Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results

Similar Description - MAX4684ETB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4717 MAXIM-MAX4717_05 Datasheet
313Kb / 16P
   4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com