Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4694 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4694
Description  Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4694 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4694 Datasheet HTML 3Page - Maxim Integrated Products MAX4694 Datasheet HTML 4Page - Maxim Integrated Products MAX4694 Datasheet HTML 5Page - Maxim Integrated Products MAX4694 Datasheet HTML 6Page - Maxim Integrated Products MAX4694 Datasheet HTML 7Page - Maxim Integrated Products MAX4694 Datasheet HTML 8Page - Maxim Integrated Products MAX4694 Datasheet HTML 9Page - Maxim Integrated Products MAX4694 Datasheet HTML 10Page - Maxim Integrated Products MAX4694 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/
Quad SPDT in UCSP Package
_______________________________________________________________________________________
7
40
30
20
10
0
-6
0
-4
-2
2
4
6
ON-RESISTANCE vs. VX, VY, VZ
(DUAL SUPPLIES)
VX, VY, VZ (V)
V+ = +2.7V
V- = -2.7V
V+ = +5V
V- = -5V
V+ = +3.3V
V- = -3.3V
V+ = +2V
V- = -2V
6
10
8
16
14
12
22
20
18
24
-5
-1
-3
135
ON-RESISTANCE vs. VX, VY, VZ AND
TEMPERATURE (DUAL SUPPLIES)
VX, VY, VZ (V)
V+ = +5V
V- = -5V
TA = +85
°C
TA = -40
°C
TA = +25
°C
0
30
20
10
40
50
60
70
80
90
100
04
26
8
10
12
ON-RESISTANCE vs. VW, VX, VY, VZ
(SINGLE SUPPLY)
VW, VX, VY, VZ (V)
V+ = +2V
V+ = +7.5V
V+ = +5V
V+ = +3.3V
V+ = +2.7V
V+ = +10V
10
14
12
16
18
20
22
24
26
28
30
32
34
012345
ON-RESISTANCE vs. VW, VX, VY, VZ AND
TEMPERATURE (SINGLE SUPPLY)
VW, VX, VY, VZ (V)
V+ = +5V
TA = +85
°C
TA = +25
°C
TA = -40
°C
10
20
30
40
50
0
0.6 0.9
0.3
1.2 1.5 1.8 2.1 2.4 2.7 3.0 3.3
ON-RESISTANCE vs. VW, VX, VY, VZ AND
TEMPERATURE (SINGLE SUPPLY)
VW, VX, VY, VZ (V)
V+ = +3.3V
TA = +85
°C
TA = +25
°C
TA = -40
°C
10
1
0.1
0.01
0.001
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
(DUAL SUPPLIES)
TEMPERATURE (
°C)
V+ = +5V
V- = -5V
VA, VB, VC, VEN = 0, +5V
I+
I-
10
1
0.1
0.01
0.001
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
(SINGLE SUPPLY)
TEMPERATURE (
°C)
V+ = +5V
VA, VB, VC, VEN = 0, +5V
1pA
0.1nA
0.01nA
1nA
0.01
µA
0.1
µA
1
µA
0.01mA
0.1mA
1mA
0.01A
0.1A
1A
012345
I+ vs. LOGIC LEVEL
VA, VB, VC, VENB (V)
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
1.8
1.6
2.0
2
456
3
789
10
11
LOGIC-LEVEL THRESHOLD vs. V+
V+ (V)
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4694

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4694EBE+T MAXIM-MAX4694EBE+T Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
MAX4694EBE-T MAXIM-MAX4694EBE-T Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4694EGE MAXIM-MAX4694EGE Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4694EGE++ MAXIM-MAX4694EGE+ Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
MAX4694ETE+T MAXIM-MAX4694ETE+T Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
More results

Similar Description - MAX4694

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4691 MAXIM-MAX4691 Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691 MAXIM-MAX4691_V01 Datasheet
258Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
2012
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
   SPDT/2:1 Mux in SC70
REV. 0
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG884 AD-ADG884 Datasheet
298Kb / 16P
   DUAL 2:1 MUX/SPDT AUDIO SWITCH
REV. A
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com