Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4820 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4820
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4820 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4820_09 Datasheet HTML 1Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 2Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 3Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 4Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 5Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4820_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
_______________________________________________________________________________________
5
INPUT LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
2.7
3.1
3.5
3.9
4.3
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.50
2.3
5.5
PIN
MAX4820
MAX4821
THIN
QFN
TSSOP
THIN
QFN
TSSOP
NAME
FUNCTION
13
13
RESET
Reset Input. Drive RESET low to clear all latches and registers (all outputs
are turned off). RESET overrides all other inputs. If RESET and SET are pulled
low at the same time, then RESET takes precedence.
24
24
CS
Chip-Select Input.
MAX4820: Drive CS low to select the device. When CS is low, data at DIN is
clocked into the 8-bit shift register on SCLK’s rising edge. Drive CS from low
to high to latch the data to the registers and activate the appropriate relays.
MAX4821: Drive CS low to select the device and set level on LVL. Drive CS
from low to high to latch the address and level data to the output.
3
5
DIN
Serial-Data Input
4
6
SCLK
Serial-Clock Input
5
7
DOUT
Serial-Data Output. DOUT is the output of the 8-bit shift register. This output
can be used to daisy chain multiple MAX4820s. The data at DOUT appears
synchronous to SCLK’s falling edge.
6
8
N.C.
No Connection
7
9
7
9
GND
Ground
8
10
8
10
OUT8
Open-Drain Output 8. Connect OUT8 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
9
11
9
11
OUT7
Open-Drain Output 7. Connect OUT7 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
10, 16
12, 18
10, 16
12, 18
PGND
Power Ground. PGND is a return for the output sinks. Connect PGND pins
together and to GND.
11
13
11
13
OUT6
Open-Drain Output 6. Connect OUT6 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
Typical Operating Characteristics (continued)
(VCOM = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
BACK EMF CLAMPING
WITH STANDARD 3V RELAY
MAX4820 toc11
200
μs/div
VCS
5V/div
0
0
OUT_
1V/div
OUT_ TURNS OFF
VCC = 3.3V
Pin Description


Similar Part No. - MAX4820_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820ETP MAXIM-MAX4820ETP Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820ETP++ MAXIM-MAX4820ETP+ Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820EUP MAXIM-MAX4820EUP Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820EUP++ MAXIM-MAX4820EUP+ Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
More results

Similar Description - MAX4820_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
logo
Linear Technology
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX4822 MAXIM-MAX4822 Datasheet
710Kb / 19P
   3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Rev 0; 8/05
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com