Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4780 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4780
Description  0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4780 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4780 Datasheet HTML 1Page - Maxim Integrated Products MAX4780 Datasheet HTML 2Page - Maxim Integrated Products MAX4780 Datasheet HTML 3Page - Maxim Integrated Products MAX4780 Datasheet HTML 4Page - Maxim Integrated Products MAX4780 Datasheet HTML 5Page - Maxim Integrated Products MAX4780 Datasheet HTML 6Page - Maxim Integrated Products MAX4780 Datasheet HTML 7Page - Maxim Integrated Products MAX4780 Datasheet HTML 8Page - Maxim Integrated Products MAX4780 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
0.7
Ω
Ω, Low-Voltage, Quad 2:1 Analog
Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +4.2V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = +3.0V,
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
SWITCH DYNAMIC CHARACTERISTICS
+25°C
20
25
Turn-On Time
tON
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
30
ns
+25°C
8
10
Turn-Off Time
tOFF
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
18
ns
+25°C
7
Break-Before-Make (Note 8)
tBBM
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 2
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1.0nF, Figure 3
+25°C
5
pC
NO_ or NC_ Off-Capacitance
COFF
f = 1MHz, Figure 4
+25°C
33
pF
COM_ Off-Capacitance
CCOM_(OFF)
f = 1MHz, Figure 4
+25°C
60
pF
COM_ On-Capacitance
CCOM_(ON)
f = 1MHz, Figure 4
+25°C
85
pF
-3dB On-Channel Bandwidth
BW
Signal = 0, RIN = ROUT =
50
Ω, CL = 5pF, Figure 5
123
MHz
Off-Isolation (Note 9)
VISO
f = 1MHz, VCOM_ = 1VP-P,
RL = 50
Ω, CL = 5pF, Figure 5
+25°C
-67
dB
Crosstalk (Note 10)
VCT
f = 1MHz, VCOM_ = 1VP-P, RL
= 50
Ω, CL = 5pF, Figures 4, 5
+25°C
-95
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz,
VCOM_ = 2VP-P, RL = 32
Ω
+25°C
0.008
%
LOGIC INPUT (A_,
EN)
Input Logic-High
VIH
1.8
V
Input Logic-Low
VIL
0.5
V
Input Leakage Current
IIN
VEN = 0 or +3.6V,
VA0 = 0 or +3.6V
-1
0.005
+1
µA
POWER SUPPLY
Power-Supply Range
V+
1.6
3.6
V
Positive Supply Current
I+
V+ = 3.6V,
EN, A0 = 0 or V+,
all channels on or off
TMIN to TMAX
2µA


Similar Part No. - MAX4780

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780ETE MAXIM-MAX4780ETE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780EUE MAXIM-MAX4780EUE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results

Similar Description - MAX4780

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com