Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4780ETE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4780ETE
Description  0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4780ETE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4780ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 9Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 10Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Logic Inputs
The MAX4780/MAX4784 logic inputs can be driven up
to +4.2V regardless of the supply voltage. For example,
with a +1.8V supply, A_ and
EN may be driven low to
GND and high to +4.2V. Driving A_ and
EN rail-to-rail
minimizes power consumption. Drive
EN low to enable
the COM_ outputs. When
EN is high, the COM_ outputs
are high impedance.
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V+ to GND) can be passed with very little change in on-
resistance (see the
Typical Operating Characteristics).
The switches are bidirectional, so the NO_, NC_, and
COM_ pins can be used as either inputs or outputs.
Layout
High-speed switches require proper layout and design
procedures for optimum performance. Reduce stray
inductance and capacitance by keeping traces short
and wide. Ensure that bypass capacitors are as close
to the device as possible. Use large ground planes
where possible.
0.7
Ω
Ω, Low-Voltage, Quad 2:1 Analog
Multiplexers
8
_______________________________________________________________________________________
Test Circuits/Timing Diagrams
VA0
V+
VOUT
GND
V+
A0
COM
NO
VNO_
NC
MAX4780/
MAX4784
RL
CL*
*CL INCLUDES STRAY CAPACITANCE.
**MAX4784 ONLY.
EN**
50%
VIH + 0.5V
0
VOUT
GND
VA0
90%
tOFF
tON
tR < 5ns
tF < 5ns
Figure 1. Turn-On and Turn-Off Times
50%
VIH + 0.5V
0
VCOM
VOUT
VA0
0
90%
tBBM
VA0
V+
VOUT
GND
V+
A0
NC, NO
COM
VN_ _
MAX4780/
MAX4784
RL
CL*
*CL INCLUDES STRAY CAPACITANCE.
**MAX4784 ONLY.
tR < 5ns
tF < 5ns
EN**
Figure 2. Break-Before-Make Interval


Similar Part No. - MAX4780ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780ETE MAXIM-MAX4780ETE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results

Similar Description - MAX4780ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com