Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4890 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4890
Description  10/100/1000 Base-T Ethernet LAN Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4890 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4890 Datasheet HTML 6Page - Maxim Integrated Products MAX4890 Datasheet HTML 7Page - Maxim Integrated Products MAX4890 Datasheet HTML 8Page - Maxim Integrated Products MAX4890 Datasheet HTML 9Page - Maxim Integrated Products MAX4890 Datasheet HTML 10Page - Maxim Integrated Products MAX4890 Datasheet HTML 11Page - Maxim Integrated Products MAX4890 Datasheet HTML 12Page - Maxim Integrated Products MAX4890 Datasheet HTML 13Page - Maxim Integrated Products MAX4890 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Analog Signal Levels
The on-resistance of the MAX4890/MAX4891/MAX4892
is very low and stable as the analog input signals are
swept from ground to V+ (see the
Typical Operating
Characteristics). The switches are bidirectional, allow-
ing A_ and _B_ to be configured as either inputs or out-
puts.
ESD Protection
The MAX4890/MAX4891/MAX4892 are characterized
using the Human Body Model for ±2kV of ESD protec-
tion. Figure 8 shows the Human Body Model, and Figure
9 shows the current waveform the Human Body Model
generates when discharged into a low-impedance load.
This model consists of a 100pF capacitor charged to the
ESD voltage of interest, which is then discharged into the
test device through a 1.5kΩ resistor.
Applications Information
Typical Operating Circuit
The
Typical Operating Circuit depicts the MAX4890/
MAX4891/MAX4892 in a 10/100/1000 Base-T docking
station application.
Line-Card Redundancy (Ethernet T3/E3)
Figure 10 shows the MAX4890/MAX4891/MAX4892 in a
line-card redundancy configuration.
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum ratings.
Stresses beyond the listed ratings may cause perma-
nent damage to the device.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not
current limited.
Layout
High-speed switches require proper layout and design
procedures for optimum performance. Keep design-
controlled-impedance printed circuit board traces as
short as possible. Ensure that bypass capacitors are as
close to the device as possible. Use large ground
planes where possible.
10/100/1000 Base-T Ethernet LAN Switch
10
______________________________________________________________________________________
Figure 4. Differential Crosstalk
1
3
MINI CKT
BALUN
6
4
NETWORK
ANALYZER
R4
49.9
Ω
R3
49.9
Ω
1
3
MINI CKT
BALUN
6
4
R4
49.9
Ω
R3
49.9
Ω
50
Ω
TRACE
50:100
NETWORK
ANALYZER
50
Ω
TRACE
5
50:100
CB5
CB4
50
Ω
TRACE
50
Ω
TRACE
A4
7
A5
8
AB1
22
5B1
21
6B1
18
7B1
17
A6
9
A7
10
DIFFERENTIAL CROSSTALK TRANSMIT CKT
DIFFERENTIAL CROSSTALK RECEIVE CKT
MAX4892
36-TQFN


Similar Part No. - MAX4890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
MAX4890E MAXIM-MAX4890E Datasheet
1Mb / 13P
   1000 Base-T, ±15kV ESD Protection LAN Switches
Rev 0; 8/06
MAX4890EETJ MAXIM-MAX4890EETJ Datasheet
1Mb / 13P
   1000 Base-T, ±15kV ESD Protection LAN Switches
Rev 0; 8/06
MAX4890ETJ MAXIM-MAX4890ETJ Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
More results

Similar Description - MAX4890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Bothhand USA, LP.
NS0068C BOTHHAND-NS0068C Datasheet
263Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068D BOTHHAND-NS0068D Datasheet
267Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068 BOTHHAND-NS0068 Datasheet
276Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
NS0068LF BOTHHAND-NS0068LF Datasheet
274Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
logo
Allied Components Inter...
AR12-4245 ALLIED-AR12-4245 Datasheet
760Kb / 2P
   10/100/1000 Base-T Gigabit LAN and other Ethernet Applications
ARA502-1122S ALLIED-ARA502-1122S Datasheet
519Kb / 2P
   10/100/1000 Base-T Ethernet Application
logo
Bourns Electronic Solut...
PT61020EL BOURNS-PT61020EL Datasheet
143Kb / 1P
   LAN 10/100/1000 Base-T Transformer Modules
PT61022EL BOURNS-PT61022EL Datasheet
140Kb / 1P
   LAN 10/100/1000 Base-T Transformer Modules
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
   LAN 10/100/1000 Base-T (PoE) Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com