Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4895EETE+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4895EETE+
Description  VGA Port Protector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4895EETE+ Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4895EETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX4895EETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX4895EETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX4895EETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX4895EETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX4895EETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX4895EETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX4895EETE+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Human Body Model (HBM)
Figure 1a shows the Human Body Model, and Figure
1b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest
that is then discharged into the test device through a
1.5k
Ω resistor.
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment. However, it does
not specifically refer to integrated circuits. The
MAX4895E assists in designing equipment to meet IEC
61000-4-2 without the need for additional ESD-protec-
tion components.
The major difference between tests done using the
Human Body Model and IEC 61000-4-2 is higher peak
current in IEC 61000-4-2 because series resistance is
lower in the IEC 61000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 61000-4-2 is generally
lower than that measured using the Human Body Model.
Figure 1c shows the IEC 61000-4-2 model, and Figure
1d shows the current waveform for IEC 61000-4-2 ESD
Contact Discharge test.
Chip Information
PROCESS: BiCMOS
VGA Port Protector
_______________________________________________________________________________________
7
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
Ω
RD
1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 1a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPS
Figure 1b. Human Body Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω TO 100MΩ
RD
330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 1c. IEC 61000-4-2 ESD Test Model
tr = 0.7ns TO 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 1d. IEC 61000-4-2 ESD Generator Current Waveform


Similar Part No. - MAX4895EETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4895EETE++ MAXIM-MAX4895EETE+ Datasheet
150Kb / 8P
   VGA Port Protector
2010
More results

Similar Description - MAX4895EETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4895E MAXIM-MAX4895E_V01 Datasheet
150Kb / 8P
   VGA Port Protector
2010
MAX14895E MAXIM-MAX14895E Datasheet
1Mb / 11P
   Enhanced VGA Port Protector DDC Outputs have Internal Pullups
Rev 0; 3/11
MAX14984 MAXIM-MAX14984 Datasheet
1Mb / 12P
   Enhanced VGA Port Protector with Monitor Detection and Dual USB Power Switches
Rev 0; 3/12
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5_15 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201_11 Datasheet
119Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 4
PACVGA105 ONSEMI-PACVGA105 Datasheet
115Kb / 9P
   VGA Port Companion Circuit
May 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com