Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4611CPD+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4611CPD+
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4611CPD+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4611CPD+ Datasheet HTML 3Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 4Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 5Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 6Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 7Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 8Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 9Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 10Page - Maxim Integrated Products MAX4611CPD+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
8
_______________________________________________________________________________________
tR < 20ns
tF < 20ns
50%
50%
0V
LOGIC
INPUT
RL
300
Ω
NO_, NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN_
VINH
tOFF
0V
COM_
SWITCH
OUTPUT
0.9
· V0UT
0.9
· VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
V+
CL
35pF
V+
VOUT
VCOM_
MAX4610
MAX4611
MAX4612
Figure 2. Switching Time
VGEN
GND
NO_, NC_
CL
VOUT
V+
VOUT
ΔVOUT
Q = (
ΔVOUT)(CL)
COM_
OFF
ON
OFF
IN
VIN
V+
RGEN
IN_
MAX4610
MAX4611
MAX4612
Figure 3. Charge Injection
______________________________________________Test Circuits/Timing Diagrams
Protection diodes D1 and D2 also protect against some
overvoltage situations. With Figure 1’s circuit, if the sup-
ply voltage is below the absolute maximum rating, and
if a fault voltage up to the absolute maximum rating is
applied to an analog signal pin, no damage will result.
Operating Considerations for
High-Voltage Supply
The MAX4610/MAX4611/MAX4612 are pin-compatible
with the industry-standard 74HC4066 and the
MAX4066, and are optimized for +5V single-supply
operation. The MAX4610 family is capable of +12V
single-supply operation with some precautions. The
absolute maximum rating for V+ is +13.2V (referenced
to GND). When operating near this region, bypass V+
with a minimum 0.1µF capacitor to ground as close to
the IC as possible.
Caution: The absolute maximum V+ to V- differential
voltage is 13.0V. Typical ±6V or 12V supplies with
±10% tolerances can be as high as 13.2V. This volt-
age can damage the MAX4610/MAX4611/MAX4612.
Even ±5% tolerance supplies may have overshoot or
noise spikes that exceed 13.0V.


Similar Part No. - MAX4611CPD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4611CPD MAXIM-MAX4611CPD Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results

Similar Description - MAX4611CPD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com