Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5035AUSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5035AUSA
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035AUSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5035AUSA Datasheet HTML 5Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 6Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 7Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 8Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 9Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 10Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 11Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 12Page - Maxim Integrated Products MAX5035AUSA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
BST
Boost Capacitor Connection. Connect a 0.1µF ceramic capacitor from BST to LX.
2
VD
Internal Regulator Output. Bypass VD to GND with a 0.1µF ceramic capacitor.
3
SGND
Internal Connection. SGND must be connected to GND.
4FB
Output Sense Feedback Connection. For fixed output voltage (MAX5035A, MAX5035B, MAX5035C),
connect FB to VOUT. For adjustable output voltage (MAX5035D), use an external resistive voltage-divider to
set VOUT. VFB regulating set point is 1.22V.
5
ON/OFF
Shutdown Control Input. Pull ON/OFF low to put the device in shutdown mode. Drive ON/OFF high for
normal operation.
6
GND
Ground
7VIN
Input Voltage. Bypass VIN to GND with a low ESR capacitor as close to the device as possible.
8
LX
Source Connection of Internal High-Side Switch
ENABLE
LX
BST
VIN
ON/OFF
VREF
REGULATOR
(FOR DRIVER)
REGULATOR
(FOR ANALOG)
OSC
RAMP
HIGH-SIDE
CURRENT
SENSE
IREF-PFM
IREF-LIM
CPFM
1.69V
CILIM
FB
x1
VREF
EAMP
CONTROL
LOGIC
CPWM
VD
GND
Rh
Rl
CLK
SGND
MAX5035
TYPE 3
COMPENSATION
THERMAL
SHUTDOWN
RAMP
Block Diagram


Similar Part No. - MAX5035AUSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035AUSA MAXIM-MAX5035AUSA Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035AUSA MAXIM-MAX5035AUSA Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results

Similar Description - MAX5035AUSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com