Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4761AETX+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4761AETX+T
Description  High-Bandwidth, Quad DPDT Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4761AETX+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4761AETX+T Datasheet HTML 1Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX4761AETX+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High-Bandwidth, Quad DPDT Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +2.7V to +5.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at V+ = 3V, TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
V+
TMIN to TMAX
1.8
5.5
V
+25°C
0.01
V+ = 4.3V, VIN_ = 0V or V+
(MAX4760/MAX4761)
TMIN to TMAX
1.0
+25°C
0.01
V+ = 5.5V, VIN_ = 0V or V+
(MAX4760A/MAX4761A)
TMIN to TMAX
1.0
+25°C
5.5
Power Supply Current
I+
V+ = 5.5V, VIN_ = 1.8V
(MAX4760A/MAX4761A)
TMIN to TMAX
12
µA
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: UCSP packages are 100% tested at +25°C and limits across the full temperature range are guaranteed by correlation and
design. TQFN packages are 100% tested at +85°C and limits across the full temperature range are guaranteed by correla-
tion and design.
Note 4: RON and
ΔRON matching specifications are guaranteed by design.
Note 5:
ΔRON = RON(MAX) - RON(MIN).
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 7: Guaranteed by design, not production tested.
Note 8: Off-isolation = 20log10 [VCOM_/(VNO_ or VNC_)], VCOM_ = output, VNO_ or VNC_ = input to off switch.
Note 9: Between any two switches.
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
(MAX4760/MAX4761)
VCOM (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1
2
3
4
5
0
05.0
V+ = 5V
TA = +85
°C
TA = -40
°C
TA = +25
°C
ON-RESISTANCE vs. VCOM
(MAX4760/MAX4761)
VCOM (V)
4.5
4.0
3.0 3.5
1.0 1.5 2.0 2.5
0.5
2
3
4
5
6
7
8
9
10
1
05.0
V+ = 1.8V
V+ = 2V
V+ = 2.3V
V+ = 2.7V
V+ = 3V
V+ = 5V
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
(MAX4760/MAX4761)
VCOM (V)
2.5
2.0
1.5
1.0
0.5
1
2
3
4
5
0
03.0
V+ = 3V
TA = +85
°C
TA = -40
°C
TA = +25
°C
Typical Operating Characteristics
(V+ = 3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4761AETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4761EBX-T MAXIM-MAX4761EBX-T Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4761ETX MAXIM-MAX4761ETX Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
More results

Similar Description - MAX4761AETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_07 Datasheet
272Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 3; 7/07
logo
STMicroelectronics
STG3820 STMICROELECTRONICS-STG3820 Datasheet
485Kb / 20P
   Low voltage high bandwidth quad DPDT switch
August 2013 Rev 4
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com