Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4992EVB+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4992EVB+
Description  Low RON, Dual-SPDT/Single-DPDT Analog Switches with Slow Turn-On Time
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4992EVB+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4992EVB+ Datasheet HTML 2Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 3Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 4Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 5Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 6Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 7Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 8Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 9Page - Maxim Integrated Products MAX4992EVB+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low RON, Dual-SPDT/Single-DPDT Analog
Switches with Slow Turn-On Time
_______________________________________________________________________________________
9
CB1
CB2
MAX4991/MAX4992
VCC
0.1
μF
GND
COM1
COM2
NC1
NC2
AUDIO
AMPLIFIER
NO1
NO2
AUDIO
AMPLIFIER
Typical Application Circuit
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
10 UTQFN
V101AICN-1
21-0028


Similar Part No. - MAX4992EVB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX49921 MAXIM-MAX49921 Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX49921 MAXIM-MAX49921 Datasheet
432Kb / 14P
   0 to 70V, High-Precision Current-Sense Amplifier
2021
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX49921EVKIT# MAXIM-MAX49921EVKIT# Datasheet
690Kb / 6P
   Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX49921FATA/VY++ MAXIM-MAX49921FATA/VY+ Datasheet
432Kb / 14P
   0 to 70V, High-Precision Current-Sense Amplifier
2021
More results

Similar Description - MAX4992EVB+

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Jan-2022
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
   Dual DPDT Ultra-Low RON Analog Switch
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. B, 03-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com