Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5035AUPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5035AUPA
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035AUPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5035AUPA Datasheet HTML 2Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 3Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 4Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 5Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 6Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 7Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 8Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 9Page - Maxim Integrated Products MAX5035AUPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
OUTPUT CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
125
100
75
50
25
0
-25
0.5
1.0
1.5
2.0
0
-50
150
MAX5035DASA
VOUT = 5V
5% DROP IN VOUT
OUTPUT CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
65
50
35
20
0.8
1.1
1.4
1.7
2.0
0.5
580
MAX5035DASA
VOUT = 5V
5% DROP IN VOUT
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
230
260
290
320
350
200
100
50
0
-50
150
-25
25
75
125
QUIESCENT SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
66
56
46
36
26
16
230
260
290
320
350
200
676
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
5
10
15
20
25
0
100
50
0
-50
150
-25
25
75
125
SHUTDOWN CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
66
56
46
36
26
16
4
8
12
16
20
0
676
EFFICIENCY vs. LOAD CURRENT
(MAX5035AASA, VOUT = 3.3V)
LOAD CURRENT (mA)
800
600
400
200
10
20
30
40
50
60
70
80
90
100
0
0
1000
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 12V
VIN = 7.5V
EFFICIENCY vs. LOAD CURRENT
(MAX5035DASA, VOUT = 5V)
LOAD CURRENT (mA)
800
600
400
200
10
20
30
40
50
60
70
80
90
100
0
0
1000
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 12V
VIN = 7.5V
EFFICIENCY vs. LOAD CURRENT
(MAX5035DASA, VOUT = 12V)
LOAD CURRENT (mA)
800
600
400
200
10
20
30
40
50
60
70
80
90
100
0
0
1000
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 15V


Similar Part No. - MAX5035AUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035AUPA MAXIM-MAX5035AUPA Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035AUPA MAXIM-MAX5035AUPA Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results

Similar Description - MAX5035AUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com