Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5079 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5079
Description  ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5079 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5079 Datasheet HTML 1Page - Maxim Integrated Products MAX5079 Datasheet HTML 2Page - Maxim Integrated Products MAX5079 Datasheet HTML 3Page - Maxim Integrated Products MAX5079 Datasheet HTML 4Page - Maxim Integrated Products MAX5079 Datasheet HTML 5Page - Maxim Integrated Products MAX5079 Datasheet HTML 6Page - Maxim Integrated Products MAX5079 Datasheet HTML 7Page - Maxim Integrated Products MAX5079 Datasheet HTML 8Page - Maxim Integrated Products MAX5079 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ORing MOSFET Controller with
Ultra-Fast 200ns Turn-Off
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
((VIN = 2.75V to 13.2V and VAUXIN = 0V) or (VIN = 1V and VAUXIN = 2.75V to 13.2V), RSTH = open, RFTH = 0, VUVLO = 1V, VOVI = 0V,
TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V and TA = +25°C. See the Typical Operating Circuit.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ORing MOSFET CONTROL
ORing MOSFET Turn-On Time
tON
CGATE = 10nF, CEXT = 100nF,
MOSFET gate threshold = 2V
10
25
µs
ORing MOSFET Forward Voltage
Threshold (Fast Comparator)
VDTH
(VIN - VBUS) rising, VAUXIN
≥ 2.75V
5
12.5
20
mV
RFTH = 0
-12
-24
-31
RFTH = 12k
-63
-104
-150
ORing MOSFET Reverse Voltage
Turn-Off Threshold (Fast
Comparator (VIN - VBUS))
VFTH
RFTH = 27k
Ω, VIN
VAUXIN
2.75V
-126
-204
-300
mV
ORing MOSFET Reverse Voltage
Blanking Time (Fast Comparator)
tFBL
VBUS = 2.8V, RFTH = 0,
VBUS - VIN = 0.3V
50
ns
Slow-Comparator Output Voltage
Threshold on STH
VO_STH
VIN
≥ 2.75V
0.95
1
1.05
V
RSTH open
-0.1
-12
-24.0
RSTH = 500k
-25
ORing MOSFET Reverse Voltage
Turn-Off Threshold (Slow
Comparator (VIN - VBUS))
VSTH
RSTH = 64k
-100
mV
(VIN - VBUS) to ISTH
Transconductance (Slow
Comparator)
GM_STH
VSTH = 0V
0.17
mS
STH floating
0.5
0.9
1.5
CSTH = 0.047µF
5
ORing MOSFET Reverse Voltage
Blanking Time (Slow
Comparator)
tSBL
CSTH = 0.22µF
14
ms
ORing MOSFET DRIVER
Gate-Charge Current
IGATE
CEXT = 100nF, VIN
≥ 2.75V
0.7
2
mA
VGATE = VIN, VIN = 5.1V, VBUS = 5V;
VOUT = 1V
0.9
2
6.8
VGATE
≥ VIN, VIN = 2.75V, VBUS = 3.5V
1.3
Gate Discharge Current (Note 3)
IGATE.DIS_MIN
VGATE
≥ VIN, VIN = 12V, VBUS = 13.2V
3.2
A
VBUS = 3.5V, CGATE = 0.1µF
600
Gate Fall Time
tFGATE
VBUS = 3.5V, CGATE = 0.01µF
200
ns
Gate Discharge Current Delay
Time (Time from VIN Falling from
3.7V to 3V to VGATE = VIN)
tDIS_GATE
VBUS = 3.5V
70
200
ns
Gate to IN Resistance
RGATE_IN
(VGATE - VIN) = 100mV; VIN
≥ 2.75V
900
Gate to IN Clamp Voltage
VGATE_IN_CLAMP IGATE = 10mA, VIN ≥ VBUS
8.5
11
V
2.7V < VIN < 13.2V
3.8
VIN = 13.2V
6.5
7
7.7
Gate-Drive Voltage (Measured
with Respect to VIN)
(VGATE - VIN)
VIN = 2.75V
4.5
5
5.5
V
VIN Switchover Threshold to
Higher GATE Voltage (Note 4)
VIN_SOTH+
7.4
8
8.5
V


Similar Part No. - MAX5079

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5079 MAXIM-MAX5079 Datasheet
411Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 0; 2/05
MAX5079 MAXIM-MAX5079 Datasheet
189Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 5/05
MAX5079EUD MAXIM-MAX5079EUD Datasheet
411Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 0; 2/05
MAX5079EUD MAXIM-MAX5079EUD Datasheet
1Mb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
2019
MAX5079EVKIT MAXIM-MAX5079EVKIT Datasheet
189Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 5/05
More results

Similar Description - MAX5079

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5079 MAXIM-MAX5079_V01 Datasheet
1Mb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
2019
MAX5079 MAXIM-MAX5079 Datasheet
411Kb / 18P
   ORing MOSFET Controller with Ultra-Fast 200ns Turn-Off
Rev 0; 2/05
logo
Monolithic Power System...
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
   Fast Turn-off Intelligent Controller
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
   Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
   Fast Turn-off Intelligent Controller
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
   Dual Fast Turn-off Intelligent Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
Vishay Siliconix
VOMDA1271 VISHAY-VOMDA1271 Datasheet
1Mb / 9P
   Automotive Photovoltaic MOSFET Driver With Integrated Fast Turn-Off
Rev. 1.0, 17-Apr-2023
logo
SEMPO ELECTRONIC Limite...
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
   Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
   Fast Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com