Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5500AGAP+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5500AGAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
AGND
Analog Ground
2
FBA
DAC A Output Amplifier Feedback
3
OUTA
DAC A Output Voltage
4
OUTB
DAC B Output Voltage
5
FBB
DAC B Output Amplifier Feedback
6
REFAB
DAC A/DAC B Reference Voltage Input
7
CL
Active-Low Clear Input.
CL clears all DACs and registers. CL resets all outputs (OUT_, UPO, and DOUT)
to 0.
8
CS
Active-Low Chip-Select Input
9
DIN
Serial Data Input
10
SCLK
Serial Clock Input
11
DGND
Digital Ground
12
DOUT
Serial Data Output
13
UPO
User-Programmable Logic Output
14
PDL
Active-Low Power-Down Lockout. Drive
PDL low to lock out software shutdown.
15
REFCD
DAC C/DAC D Reference Voltage Input
16
FBC
DAC C Output Amplifier Feedback
17
OUTC
DAC C Output Voltage
18
OUTD
DAC D Output Voltage
19
FBD
DAC D Output Amplifier Feedback
20
VDD
Positive Power Supply
DYNAMIC RESPONSE 3V
MAX5500 toc12
10µs/div
OUTA
0.5V/div
VREF = 1.5V, RL = 5kΩ, CL = 100pF
SWITCHING FROM CODE 000 hex TO FB4 hex
OUTPUT AMPLIFIER GAIN = +1
DIGITAL FEEDTHROUGH 3V
(SCLK = 100kHz)
MAX5500 toc13
4µs/div
SCLK
1V/div
OUTA
AC-COUPLED
10mV/div
VREF = 1.5V, RL = 5kΩ, CL = 100pF
VCS = VPDL = VCL = 3.3V, VDIN = 0V
DACA CODE SET TO 800 hex
DIGITAL FEEDTHROUGH 5V
(SCLK = 100kHz)
MAX5500 toc14
2µs/div
SCLK
2V/div
OUTA
AC-COUPLED
10mV/div
VREF = 2.5V, RL = 5kΩ, CL = 100pF
VCS = VPDL = VCL = 5V, VDIN = 0V
DACA CODE SET TO 800 hex
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5500AGAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5500AGAP++ MAXIM-MAX5500AGAP+ Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
More results

Similar Description - MAX5500AGAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com