Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6010AEUR+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6010AEUR+T
Description  Precision, Micropower, 3V Series Voltage Reference in SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6010AEUR+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6010AEUR+T Datasheet HTML 1Page - Maxim Integrated Products MAX6010AEUR+T Datasheet HTML 2Page - Maxim Integrated Products MAX6010AEUR+T Datasheet HTML 3Page - Maxim Integrated Products MAX6010AEUR+T Datasheet HTML 4Page - Maxim Integrated Products MAX6010AEUR+T Datasheet HTML 5Page - Maxim Integrated Products MAX6010AEUR+T Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Precision, Micropower, 3V Series
Voltage Reference in SOT23
_______________________________________________________________________________________
5
Detailed Description
The MAX6010 is a precision, low-noise, low-dropout,
micropower, bandgap voltage reference in a SOT23
package. This three-terminal reference operates with
an input voltage from 3.2V to 5.5V, and outputs 3V. The
device sources up to 7mA with < 200mV of dropout
voltage and requires only 5µA (max) supply current.
Applications Information
Output/Load Capacitance
The MAX6010 requires a minimum of 1nF load to main-
tain output stability.
The device remains stable for capacitive loads as high
as 1µF. In applications where the load or the supply
can experience step changes, a larger output capaci-
tor reduces the amount of overshoot (or undershoot)
and assists the circuit’s transient response.
Supply Current
The 5µA maximum supply current varies only 0.05µA/V
with the supply voltage.
When the supply voltage is below the minimum-speci-
fied input voltage (as during turn-on), the device can
draw up to 20µA beyond the nominal supply current.
The input voltage source must be capable of providing
this current to ensure reliable turn-on.
Turn-On Time
The MAX6010 typically turns on and settles to within
0.1% of the final value in 700µs. The turn-on time can
increase with the device operating at the minimum
dropout voltage and the maximum load.
PIN
NAME
FUNCTION
1
IN
Supply Voltage Input
2
OUT
Reference Voltage Output. Bypass with at
least 1nF to ground. (See the Output/Load
Capacitance section.)
3
GND
Ground
Pin Description
LOAD-TRANSIENT RESPONSE
MAX6010 toc13
400
µs/div
VOUT
1V/div
-1mA
VIN
2V/div
7mA
LINE-TRANSIENT RESPONSE
MAX6010 toc14
400
µs/div
VOUT
10mV/div
VIN
200mV/div
4.8V
Typical Operating Characteristics (continued)
(VIN = 5V, CIN = 0.1µF, COUT = 0.1µF. TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6010AEUR+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX601 MAXIM-MAX601 Datasheet
345Kb / 4P
   AC To DC Regulator
MAX6012 MAXIM-MAX6012 Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6012 MAXIM-MAX6012 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6012-MAX6050 MAXIM-MAX6012-MAX6050 Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6012AEUR-T MAXIM-MAX6012AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6010AEUR+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com