Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4995BAVB+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4995BAVB+T
Description  50mA to 600mA Programmable Current-Limit Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995BAVB+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4995BAVB+T Datasheet HTML 3Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 4Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 5Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 6Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 7Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 8Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 9Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 10Page - Maxim Integrated Products MAX4995BAVB+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
50mA to 600mA Programmable
Current-Limit Switches
_______________________________________________________________________________________
7
Detailed Description
The MAX4995A/MAX4995AF/MAX4995AL/MAX4995B/
MAX4995C programmable current-limit switches oper-
ate from +1.7V to +5.5V and provide internal current
limiting adjustable from 50mA to 600mA. These devices
feature a fixed blanking time and a FLAG output that
notifies the processor when a fault condition is present.
Programmable Current Limit
A resistor from SETI to GND programs the current limit
for the switch (see the
Setting the Current Limit sec-
tion). If the output current exceeds the current limit for a
time equal to or longer than tBLANK, the output flag
asserts and the MAX4995A/MAX4995AF/MAX4995AL
enter the autoretry mode. The MAX4995B latches off
the switch, and the MAX4995C enters the continuous
current-limit mode.
Autoretry (MAX4995A/MAX4995AF/
MAX4995AL)
When the forward current reaches the current-limit
threshold, the tBLANK timer begins counting (Figure 2).
FLAG asserts if the overcurrent-limit condition is pre-
sent for tBLANK. The timer resets if the overcurrent con-
dition disappears before the blanking time (tBLANK) has
elapsed. A retry time delay (tRETRY) starts immediately
after the blanking time has elapsed and during that
time, the switch latches off. At the end of tRETRY, the
switch turns on again. If the fault still exists, the cycle
repeats. If the fault has been removed, the switch stays
on. During this cycle, FLAG stays low. In autoretry if
the thermal power rating of the package is exceeded,
the MAX4995A/MAX4995AF/MAX4995AL go into ther-
mal shutdown.
The autoretry feature saves system power in case of an
overcurrent or short-circuit condition. During tBLANK
time when the switch is on, the supply current is held at
the current limit. During time tRETRY when the switch is
off, the current through the switch is zero. Thus, the
average output current is much less than the pro-
grammed current limit. Calculate the average output
current using the following equation:
ILOAD = ILIM [tBLANK/(tBLANK + tRETRY)]
With a typical tBLANK = 16.3ms and typical tRETRY =
524ms, the duty cycle is 3%, resulting in a 97% power
savings over the switch being on the entire time.
Latchoff (MAX4995B)
When the forward current reaches the current-limit
threshold, the tBLANK timer begins counting (Figure 3).
FLAG asserts if an overcurrent-limit condition is present
for greater than tBLANK time. The timer resets if the over-
current condition disappears before tBLANK has
elapsed. The switch turns off if the overcurrent condition
Pin Description
PIN (UTQFN)
MAX4995AL
MAX4995_
NAME
FUNCTION
1, 10
1, 10
IN
Power Input. Bypass IN with a 1µF ceramic capacitor to ground. Use higher capacitance
to prevent large load transients from pulling down the supply voltage if necessary.
Connect both power inputs (IN) together.
22
FLAG
Open-Drain, Overload Indicator Output.
FLAG goes low when the overload fault duration
exceeds the blanking time, reverse current is detected, thermal shutdown mode is
active, or SETI is connected to ground.
3—
ON
Active-Low, Switch-On Input. Drive
ON low to turn on the switch.
3
ON
Active-High, Switch-On Input. Drive ON high to turn on the switch.
4
4
GND
Ground
5
5
SETI
Overload Current Limit Adjust. Connect a resistor from SETI to ground to program the
overcurrent limit. Do not connect any capacitance larger than 20pF to SETI.
6, 9
6, 9
N.C.
No Connect. Not internally connected.
7, 8
7, 8
OUT
Switch Output. Bypass OUT with a 1µF capacitor to ground. Connect both outputs (OUT)
together.


Similar Part No. - MAX4995BAVB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995BAVB+T MAXIM-MAX4995BAVB+T Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4995BAVB+T MAXIM-MAX4995BAVB+T Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995BAVB+T MAXIM-MAX4995BAVB+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
More results

Similar Description - MAX4995BAVB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com