Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6496 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6496
Description  72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6496 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6496 Datasheet HTML 1Page - Maxim Integrated Products MAX6496 Datasheet HTML 2Page - Maxim Integrated Products MAX6496 Datasheet HTML 3Page - Maxim Integrated Products MAX6496 Datasheet HTML 4Page - Maxim Integrated Products MAX6496 Datasheet HTML 5Page - Maxim Integrated Products MAX6496 Datasheet HTML 6Page - Maxim Integrated Products MAX6496 Datasheet HTML 7Page - Maxim Integrated Products MAX6496 Datasheet HTML 8Page - Maxim Integrated Products MAX6496 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
72V, Overvoltage-Protection Switches/
Limiter Controllers with an External MOSFET
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
(All pins referenced to GND.)
ELECTRICAL CHARACTERISTICS
(VIN = 14V, CGATE = 6nF, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, GATE, GATEP ...................................................-0.3V to +80V
SHDN, CLEAR .............................................-0.3V to (VIN + 0.3V)
POK, OUTFB ..........................................................-0.3V to +80V
GATE to OUTFB .....................................................-0.3V to +12V
GATEP to IN ...........................................................-12V to +0.3V
OVSET, UVSET, POKSET .......................................-0.3V to +12V
Current Sink/Source (All Pins).............................................50mA
All Other Pins to GND ..................................-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
6-Pin TDFN (derate 18.2mW/°C above +70°C) .........1455mW
8-Pin TDFN (derate 18.2mW/°C above +70°C) .........1455mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
5.5
72.0
V
SHDN = high
100
150
SHDN = low (MAX6497/MAX6498/
MAX6499)
15
24
Input Supply Current
IIN
No load
SHDN = low (MAX6495/MAX6496)
24
32
µA
IN Undervoltage Lockout
VIN rising, enables GATE
4.75
5
5.25
V
IN Undervoltage Lockout
Hysteresis
VIN falling, disables GATE
155
mV
VTH+
OVSET rising
1.22
1.24
1.26
OVSET Threshold Voltage
(MAX6495/MAX6496)
VTH-
OVSET falling
1.18
V
OVSET Threshold Hysteresis
(MAX6495/MAX6496)
VHYST
OVSET falling
5
%
VTH+
OVSET rising
0.494
0.505
0.518
OVSET Threshold Voltage
(MAX6497/MAX6498)
VTH-
OVSET falling
0.13
V
VTH+
OVSET rising
1.22
1.24
1.26
OVSET Threshold Voltage
(MAX6499)
VTH-
OVSET falling
1.18
V
VTH+
UVSET rising
1.22
1.24
1.26
UVSET Threshold Voltage
(MAX6499)
VTH-
UVSET falling
1.18
V
OVSET/UVSET Threshold
Hysteresis (MAX6499)
VHYST
OVSET falling
5
%
VPOKSET+ POKSET rising
1.22
1.24
1.26
POKSET Threshold Voltage
(MAX6497/MAX6498)
VPOKSET- POKSET falling
1.18
V
POKSET Threshold
Hysteresis (MAX6497/
MAX6498)
VHYST
POKSET falling
5
%
OVSET, UVSET, POKSET
Input Current
ISET
-50
+50
nA
Startup Response Time
tSTART
SHDN rising (Note 2)
100
µs
GATE Rise Time
GATE rising from GND to VOUTFB + 8V,
OUTFB = GND
1ms


Similar Part No. - MAX6496

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6496 MAXIM-MAX6496 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6496 MAXIM-MAX6496 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6496ATA+T MAXIM-MAX6496ATA+T Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6496ATA+T MAXIM-MAX6496ATA+T Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6496ATA/V+T MAXIM-MAX6496ATA/V+T Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
More results

Similar Description - MAX6496

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com