Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6640 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6640
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6640 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6640_08 Datasheet HTML 1Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 2Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 3Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 4Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 5Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 6Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 7Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 8Page - Maxim Integrated Products MAX6640_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
_______________________________________________________________________________________
5
PIN
TQFN-EP
QSOP
NAME
FUNCTION
1, 15
3, 1
PWM2,
PWM1
Open-Drain Output to Power Transistor Driving Fan. Connect to the gate of a MOSFET or base of a
bipolar transistor. PWM_ requires a pullup resistor. The pullup resistor can be connected to a
supply voltage as high as 13.5V, regardless of the MAX6640’s supply voltage.
2, 16
4, 2
TACH2,
TACH1
Tachometer Inputs. Connect to the tachometer output of the fan. TACH_ requires a pullup resistor.
The pullup resistor can be connected to a supply voltage as high as 13.5V, regardless of the
MAX6640’s supply voltage.
35
FANFAIL Active-Low, Open-Drain, Fan-Failure Output. Open circuit when VCC = 0.
46
THERM
Active-Low, Open-Drain Thermal Alarm Output. Typically used for clock throttling. Open circuit
when VCC = 0.
57
OT
Active-Low, Open-Drain Overtemperature Output. Typically used for system shutdown or clock
throttling. Can be pulled up to 5.5V regardless of VCC. Open circuit when VCC = 0.
68
VCC
Power-Supply Input. 3.3V nominal. Bypass VCC to GND with a 0.1µF capacitor.
7
10
GND
Ground. Connect to a clean ground reference.
8, 10
9, 12
DXP1,
DXP2
Combined Current Source and A/D Positive Input for Remote Diode. Connect to anode of remote-
diode-connected temperature-sensing transistor. Do not leave unconnected; connect to DXN if no
remote diode is used. Place a 2200pF capacitor between DXP_ and DXN for noise filtering.
911
DXN
Combined Current Sink and A/D Negative Input for Remote Diode. Connect cathode of the remote-
diode-connected transistor to DXN.
11
13
I.C.
Internally Connected. Connect to VCC.
12
14
ALERT
Active-Low, Open-Drain SMBus Alert Output
13
16
SCL
SMBus Serial-Clock Input. Can be pulled up to 5.5V regardless of VCC. Open circuit when VCC = 0.
14
15
SDA
SMBus Serial-Data Input/Output, Open Drain. Can be pulled up to 5.5V regardless of VCC. Open
circuit when VCC = 0.
——
EP
Exposed Pad (TQFN package only). Internally connected to GND. Connect to a large ground
plane to maximize thermal performance. Not intended as an electrical connection point.
Pin Description
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C.)
PWMOUT FREQUENCY
vs. DIE TEMPERATURE
TEMPERATURE (
°C)
85
60
35
10
-15
31
32
33
34
35
30
-40
110
PWMOUT FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
31
32
33
34
35
30
3.0
5.5


Similar Part No. - MAX6640_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6640AEE MAXIM-MAX6640AEE Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6640ATE MAXIM-MAX6640ATE Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
More results

Similar Description - MAX6640_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com