Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6497 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6497
Description  72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6497 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6497 Datasheet HTML 3Page - Maxim Integrated Products MAX6497 Datasheet HTML 4Page - Maxim Integrated Products MAX6497 Datasheet HTML 5Page - Maxim Integrated Products MAX6497 Datasheet HTML 6Page - Maxim Integrated Products MAX6497 Datasheet HTML 7Page - Maxim Integrated Products MAX6497 Datasheet HTML 8Page - Maxim Integrated Products MAX6497 Datasheet HTML 9Page - Maxim Integrated Products MAX6497 Datasheet HTML 10Page - Maxim Integrated Products MAX6497 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Detailed Description
Overvoltage Monitoring
When operating in overvoltage mode, the MAX6495–
MAX6499 feedback path (Figure 1) consists of IN,
OVSET’s internal comparator, the internal gate charge
pump, and the external n-channel MOSFET, resulting in
a switch-on/off function. When the programmed over-
voltage threshold is tripped, the internal fast compara-
tor turns off the external MOSFET, clamping GATE to
OUTFB within 0.5µs and disconnecting the power
source from the load. When IN decreases below the
adjusted overvoltage threshold, the MAX6495–MAX6499
slowly enhance GATE above OUTFB, reconnecting the
load to the power source.
Overvoltage Limiter
(MAX6495/MAX6496/MAX6499)
When operating in overvoltage-limiter mode, the
MAX6495/MAX6496/MAX6499 feedback path (Figure 2)
consists of OUTFB, OVSET’s internal comparator, the
internal gate charge pump, and the external n-channel
MOSFET, resulting in the external MOSFET operating
as a voltage regulator.
During normal operation, GATE is enhanced 10V above
OUTFB. The external MOSFET source voltage is moni-
tored through a resistive divider between OUTFB and
OVSET. When OUTFB rises above the adjusted over-
voltage threshold, an internal comparator sinks the
charge-pump current, discharging the external GATE,
regulating OUTFB at the OVSET overvoltage threshold.
OUTFB remains active during the overvoltage transients
and the MOSFET continues to conduct during the over-
voltage event, operating in switched-linear mode.
As the transient begins decreasing, OUTFB fall time will
depend on the MOSFET’s GATE charge, the internal
charge-pump current, the output load, and the tank
capacitor at OUTFB.
For fast-rising transients and very large-sized MOSFETs,
add an additional bypass capacitor from GATE to GND to
reduce the effect of the fast-rising voltages at IN. The
external capacitor acts as a voltage-divider working
against the MOSFET’s drain-to-gate capacitance. For a
6000pF gate-to-source capacitance, a 0.1µF capacitor at
GATE will reduce the impact of the fast-rising VIN input.
Caution must be exercised when operating the
MAX6495/MAX6496/MAX6499 in voltage-limiting mode
for long durations. If the VIN is a DC voltage greater than
the MOSFET’s maximum gate voltage, the MOSFET dis-
sipates power continuously. To prevent damage to the
external MOSFET, proper heatsinking should be imple-
mented.
GATE Voltage
The MAX6495–MAX6499 use a high-efficiency charge
pump to generate the GATE voltage. Upon VIN exceed-
ing the 5V (typ) UVLO threshold, GATE enhances 10V
above VIN (for VIN ≥ 14V) with a 100µA pullup current.
An overvoltage condition occurs when the voltage at
OVSET goes above its VTH+ threshold. When the
threshold is crossed, GATE falls to OUTFB within 0.5µs
with a 100mA pulldown current. The MAX6495–MAX6499
include an internal clamp to OUTFB that ensures GATE
is limited to 18V (max) above OUTFB to prevent gate-
to-source damage of the external MOSFET.
72V, Overvoltage-Protection Switches/
Limiter Controllers with an External MOSFET
_______________________________________________________________________________________
7
OVSET
GND
GATE
IN
OUTFB
R1
VIN
VOUT
R2
MAX6495–
MAX6499
Figure 1. Overvoltage Threshold (MAX6495–MAX6499)
OVSET
GND
GATE
IN
OUTFB
R1
COUT
VIN
VOUT
R2
MAX6495
MAX6496
MAX6499
Figure 2. Overvoltage-Limiter Protection Switch Configuration


Similar Part No. - MAX6497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6497 MAXIM-MAX6497 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6497 MAXIM-MAX6497 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6497ATA+T MAXIM-MAX6497ATA+T Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6497ATA+T MAXIM-MAX6497ATA+T Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
More results

Similar Description - MAX6497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com