Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6640AEE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6640AEE+
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6640AEE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6640AEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, TA = 0°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS AND OUTPUTS
ALERT, FANFAIL, THERM, OT
SDA ISINK = 6mA
0.4
Output Low Voltage (Sink
Current) (
OT, ALERT, FANFAIL,
THERM, SDA, PWM1, and PWM2)
VOL
PWM1, PWM2, ISINK = 4mA
0.4
V
Output High Leakage Current
(
OT, ALERT, FANFAIL, THERM,
SDA, PWM1, and PWM2)
IOH
1µA
Logic-Low Input Voltage (SDA,
SCL,
THERM, TACH1, TACH2)
VIL
0.8
V
Logic-High Input Voltage (SDA,
SCL,
THERM, TACH1, TACH2)
VIH
VCC = 3.3V
2.1
V
Input Leakage Current (SDA,
SCL,
THERM, TACH1, TACH2)
VIN = VCC or GND
1
µA
Input Capacitance
CIN
5pF
SMBus TIMING (Note 2)
Serial Clock Frequency
fSCL
(Note 3)
10
100
kHz
Clock Low Period
tLOW
10% to 10%
4
µs
Clock High Period
tHIGH
90% to 90%
4.7
µs
Bus Free Time Between Stop and
Start Condition
tBUF
4.7
µs
SMBus Start Condition Setup
Time
tSU:STA
90% of SMBCLK to 90% of SMBDATA
4.7
µs
Start Condition Hold Time
tHD:STO
10% of SDA to 10% of SCL
4
µs
Stop Condition Setup Time
tSU:STO
90% of SCL to 10% of SDA
4
µs
Data Setup Time
tSU:DAT
10% of SDA to 10% of SCL
250
ns
Data Hold Time
tHD:DAT
10% of SCL to 10% of SDA (Note 4)
300
ns
SMBus Fall Time
tF
300
ns
SMBus Rise Time
tR
1000
ns
SMBus Timeout
tTIMEOUT
58
74
90
ms
Note 1: All parameters tested at a single temperature. Specifications are guaranteed by design.
Note 2: Timing specifications guaranteed by design.
Note 3: The serial interface resets when SCL is low for more than tTIMEOUT.
Note 4: A transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SCL's falling edge.


Similar Part No. - MAX6640AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6640AEE MAXIM-MAX6640AEE Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
More results

Similar Description - MAX6640AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com