Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6640AEE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6640AEE+
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6640AEE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6640AEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX6640AEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C.)
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
1
2
3
4
5
6
7
8
9
10
0
3.0
5.5
OPERATING SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
300
400
500
600
700
800
200
3.0
5.5
REMOTE TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
-1
0
1
2
-2
0125
FAIRCHILD 2N3906
LOCAL TEMPERATURE ERROR
vs. DIE TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
-0.5
-1.0
-1.5
0
0.5
1.0
-2.0
0125
LOCAL TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
1
10
100k
VIN = 250mVP-P SQUARE WAVE APPLIED TO
VCC WITH NO BYPASS CAPACITOR
REMOTE TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0.1
1
10
100k
VIN = AC-COUPLED TO DXP AND DXN
VIN = 100mVP-P SQUARE WAVE
REMOTE TEMPERATURE ERROR
vs. DIFFERENTIAL NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
10
100k
VIN = AC-COUPLED TO DXP
VIN = 100mVP-P SQUARE WAVE
TEMPERATURE ERROR
vs. DXP-DXN CAPACITANCE
DXP-GND CAPACITANCE (nF)
10
1
-5.0
-4.0
-3.0
-2.0
-1.0
0
1.0
2.0
-6.0
0.1
100
REMOTE TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
10
100k
VIN = 250mVP-P SQUARE WAVE APPLIED TO
VCC WITH NO BYPASS CAPACITOR


Similar Part No. - MAX6640AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6640AEE MAXIM-MAX6640AEE Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
More results

Similar Description - MAX6640AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com