Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6498 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6498
Description  72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6498 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6498 Datasheet HTML 1Page - Maxim Integrated Products MAX6498 Datasheet HTML 2Page - Maxim Integrated Products MAX6498 Datasheet HTML 3Page - Maxim Integrated Products MAX6498 Datasheet HTML 4Page - Maxim Integrated Products MAX6498 Datasheet HTML 5Page - Maxim Integrated Products MAX6498 Datasheet HTML 6Page - Maxim Integrated Products MAX6498 Datasheet HTML 7Page - Maxim Integrated Products MAX6498 Datasheet HTML 8Page - Maxim Integrated Products MAX6498 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
72V, Overvoltage-Protection Switches/
Limiter Controllers with an External MOSFET
_______________________________________________________________________________________
5
STARTUP WAVEFORM
(CIN = 100
µF, COUT = 10µF, ROUT = 100Ω)
MAX6495 toc09
400
µs/div
VIN
10V/div
VGATE
10V/div
VOUT
10V/div
STARTUP FROM SHUTDOWN
(CIN = 100
µF, COUT = 10µF, ROUT = 100Ω)
MAX6495 toc10
400
µs/div
VSHDN
1V/div
VGATE
10V/div
VOUT
10V/div
OVERVOLTAGE SWITCH FAULT
(CIN = 100
µF, COUT = 10µF, ROUT = 100Ω)
MAX6495 toc11
200
µs/div
VIN
20V/div
VGATE
20V/div
VOUT
20V/div
OVERVOLTAGE LIMITER
(CIN = 100
µF, COUT = 10µF, ROUT = 100Ω)
MAX6495 toc12
400
µs/div
VIN
20V/div
VGATE
20V/div
VOUT
20V/div
TRIP THRESHOLD = 28V
Typical Operating Characteristics (continued)
(VIN = +12V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6498

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6498 MAXIM-MAX6498 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6498 MAXIM-MAX6498 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6498ATA+T MAXIM-MAX6498ATA+T Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6498ATA+T MAXIM-MAX6498ATA+T Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
More results

Similar Description - MAX6498

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com